Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 5Page - Renesas Technology Corp RA4W1 Datasheet HTML 6Page - Renesas Technology Corp RA4W1 Datasheet HTML 7Page - Renesas Technology Corp RA4W1 Datasheet HTML 8Page - Renesas Technology Corp RA4W1 Datasheet HTML 9Page - Renesas Technology Corp RA4W1 Datasheet HTML 10Page - Renesas Technology Corp RA4W1 Datasheet HTML 11Page - Renesas Technology Corp RA4W1 Datasheet HTML 12Page - Renesas Technology Corp RA4W1 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 9 of 105
Mar 31, 2020
RA4W1 Datasheet
1. Overview
1.2
Block Diagram
Figure 1.1 shows a block diagram of the MCU superset. Some individual devices within the group may have a subset of
the features.
Figure 1.1
Block diagram
1.3
Part Numbering
Figure 1.2 shows how to read the product part number information, including memory capacity, and package type. Table
1.13 shows a product list.
Memory
512 KB code flash
8 KB data flash
96 KB SRAM
DMA
DMAC × 4
System
Mode control
Power control
ICU
MOSC/SOSC
Clocks
(H/M/L) OCO
PLL
Battery backup
GPT32 × 4
Timers
AGT × 2
RTC
CTSU
Arm Cortex-M4
DSP
FPU
MPU
NVIC
System timer
Test and DBG I/F
Bus
MPU
DTC
CSC
External
WDT/IWDT
CAC
POR/LVD
Reset
Human machine interfaces
SLCDC
ELC
Event link
SCE5
Security
Analog
CRC
Data processing
DOC
Communication interfaces
BLE
IIC × 2
SPI × 2
CAN × 1
USBFS
with Battery
Charging
revision 1.2
SCI × 4
TSN
DAC12
ACMPLP × 2
ADC14
OPAMP × 1
GPT16 × 3
DAC8
KINT
Register write
protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com