Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 22Page - Renesas Technology Corp RA4W1 Datasheet HTML 23Page - Renesas Technology Corp RA4W1 Datasheet HTML 24Page - Renesas Technology Corp RA4W1 Datasheet HTML 25Page - Renesas Technology Corp RA4W1 Datasheet HTML 26Page - Renesas Technology Corp RA4W1 Datasheet HTML 27Page - Renesas Technology Corp RA4W1 Datasheet HTML 28Page - Renesas Technology Corp RA4W1 Datasheet HTML 29Page - Renesas Technology Corp RA4W1 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 26 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.2.5
I/O Pin Output Characteristics of Low Drive Capacity
Figure 2.2
VOH/VOL and IOH/IOL voltage characteristics at Ta = 25°C when low drive output is selected
(reference data)
Table 2.9
I/O VOH, VOL (3)
Conditions: 3.0V ≤ VCC = AVCC0 = VCC_USB = VCC_USB_LDO = VCC_RF = AVCC_RF ≤ 3.6 V
Parameter
Symbol
Min
Max
Unit
Test conditions
Output low
CLKOUT_RF
VOL
-0.3
V
IOL = 0.5 mA
Output high
CLKOUT_RF
VOH
VCC_RF – 0.3
-
V
IOH = –0.5 mA
Table 2.10
I/O other characteristics
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
RES, P200, P214, P215
| Iin |
-
-
1.0
μAVin = 0 V
Vin = VCC
Three-state leakage
current (off state)
5V-tolerant ports
| ITSI |
-
-
1.0
μAVin = 0 V
Vin = 5.8 V
Other ports
(except for ports P200, P214,
P215 and 5 V tolerant)
--
1.0
Vin = 0 V
Vin = VCC
Input pull-up resistor
All ports
(except for ports P200, P214,
P215, P914, P915)
RU
10
20
50
kΩ
Vin = 0 V
Input capacitance
P914, P915,
P100 to P103, P111, P200
Cin
-
-
30
pF
Vin = 0 V
f = 1 MHz
Ta = 25°C
Other input pins
-
-
15
‐30
‐20
‐10
0
10
20
30
00.5
1
1.5
2
2.533.5
4
VOH/VOL [V]
IOH/IOL vs VOH/VOL
VCC = 3.6V
VCC = 2.7V
VCC = 1.8V
VCC = 1.8V
VCC = 2.7V
VCC = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com