Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 41Page - Renesas Technology Corp RA4W1 Datasheet HTML 42Page - Renesas Technology Corp RA4W1 Datasheet HTML 43Page - Renesas Technology Corp RA4W1 Datasheet HTML 44Page - Renesas Technology Corp RA4W1 Datasheet HTML 45Page - Renesas Technology Corp RA4W1 Datasheet HTML 46Page - Renesas Technology Corp RA4W1 Datasheet HTML 47Page - Renesas Technology Corp RA4W1 Datasheet HTML 48Page - Renesas Technology Corp RA4W1 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 45 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
Note 1.
Programming and erasing the flash memory is not possible.
Note 2.
The 14-bit A/D converter cannot be used.
Note 3.
See section 9, Clock Generation Circuit in User’s Manual for the relationship of frequencies between ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK, and BCLK.
2.3.2
Clock Timing
Table 2.22
Operation frequency value in Subosc-speed mode
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Operation
frequency
System clock (ICLK)*3
1.8 to 3.6 V
f
27.8528
32.768
37.6832
kHz
FlashIF clock (FCLK)*1, *3
1.8 to 3.6 V
27.8528
32.768
37.6832
Peripheral module clock (PCLKA)*3
1.8 to 3.6 V
-
-
37.6832
Peripheral module clock (PCLKB)*3
1.8 to 3.6 V
-
-
37.6832
Peripheral module clock (PCLKC)*2, *3
1.8 to 3.6 V
-
-
37.6832
Peripheral module clock (PCLKD)*3
1.8 to 3.6 V
-
-
37.6832
Table 2.23
Clock timing (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
EXTAL external clock input cycle time
tXcyc
50
-
-
ns
Figure 2.23
EXTAL external clock input high pulse width
tXH
20
-
-
ns
EXTAL external clock input low pulse width
tXL
20
-
-
ns
EXTAL external clock rising time
tXr
--
5
ns
EXTAL external clock falling time
tXf
--
5
ns
EXTAL external clock input wait time*1
tEXWT
0.3
-
-
μs-
EXTAL external clock input frequency
fEXTAL
--
20
MHz
2.4 ≤ VCC ≤ 3.6
--
8
1.8 ≤ VCC < 2.4
Main clock oscillator oscillation frequency
fMAIN
1-
20
MHz
2.4 ≤ VCC ≤ 3.6
1-
8
1.8 ≤ VCC < 2.4
Main clock oscillation stabilization wait time (crystal)*9
tMAINOSCWT
--
-*9
ms
LOCO clock oscillation frequency
fLOCO
27.8528
32.768
37.6832
kHz
-
LOCO clock oscillation stabilization time
tLOCO
--
100
μs
Figure 2.24
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
-
Bluetooth-dedicated clock oscillation frequency
fBLECK
-32
-
MHz
Bluetooth-dedicated low-speed on-chip oscillator oscillation
frequency
fBLELOCO
-
32.768
-
kHz
MOCO clock oscillation frequency
fMOCO
6.88
9.2MHz
-
MOCO clock oscillation stabilization time
tMOCO
--
1
μs-
HOCO clock oscillation frequency
fHOCO24
23.64
24
24.36
MHz
Ta = –40 to –20°C
1.8 ≤ VCC ≤ 3.6
23.76
24
24.24
Ta = –20 to 85°C
1.8 ≤ VCC ≤ 3.6
fHOCO32
31.52
32
32.48
Ta = –40 to -20°C
1.8 ≤ VCC ≤ 3.6
31.68
32
32.32
Ta = –20 to 85°C
1.8 ≤ VCC ≤ 3.6
fHOCO48*4
47.28
48
48.72
Ta = –40 to –20°C
1.8 ≤ VCC ≤ 3.6
47.52
48
48.48
Ta = –20 to 85°C
1.8 ≤ VCC ≤ 3.6
fHOCO64*5
63.04
64
64.96
Ta = –40 to –20°C
2.4 ≤ VCC ≤ 3.6
63.36
64
64.64
Ta = –20 to 85°C
2.4 ≤ VCC ≤ 3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com