Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RA4W1 Datasheet HTML 1Page - Renesas Technology Corp RA4W1 Datasheet HTML 2Page - Renesas Technology Corp RA4W1 Datasheet HTML 3Page - Renesas Technology Corp RA4W1 Datasheet HTML 4Page - Renesas Technology Corp RA4W1 Datasheet HTML 5Page - Renesas Technology Corp RA4W1 Datasheet HTML 6Page - Renesas Technology Corp RA4W1 Datasheet HTML 7Page - Renesas Technology Corp RA4W1 Datasheet HTML 8Page - Renesas Technology Corp RA4W1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 2 of 105
Mar 31, 2020
Features
■ Arm Cortex-M4 Core with Floating Point Unit (FPU)
 Armv7E-M architecture with DSP instruction set
 Maximum operating frequency: 48 MHz
 Support for 4-GB address space
 Arm Memory Protection Unit (Arm MPU) with 8 regions
 Debug and Trace: ITM, DWT, FPB, TPIU, and ETB
 CoreSight™ debug port: JTAG-DP and SW-DP
■ Memory
 512-KB code flash memory
 8-KB data flash memory (100,000 erase/write cycles)
 96-KB SRAM
 Flash Cache (FCACHE)
 Memory Protection Units
 Memory Mirror Function (MMF)
 128-bit unique ID
■ Connectivity
 Bluetooth Low Energy
- Bluetooth 5.0 core specification compliant BLE transceiver and
link layer
- Supporting LE 1M, 2M and Coded PHY, and LE Advertising
extension
- Dedicated AES-CCM (128-bit blocks) encryption circuit
 USB 2.0 Full-Speed (USBFS) module
- On-chip transceiver
- Compliant with USB Battery Charging Specification 1.2
 Serial Communications Interface (SCI) × 4
- UART
- Simple IIC
- Simple SPI
 Serial Peripheral Interface (SPI) × 2
 I2C bus interface (IIC) × 2
 Controller Area Network (CAN) module
■ Analog
 14-bit A/D Converter (ADC14)
 12-bit D/A Converter (DAC12)
 8-bit D/A Converter (DAC8) ×2 (for ACMPLP)
 Low Power Analog Comparator (ACMPLP) × 2
 Operational Amplifier (OPAMP) × 1
 Temperature Sensor (TSN)
■ Timers
 General PWM Timer 32-bit (GPT32) × 4
 General PWM Timer 16-bit (GPT16) × 3
 Asynchronous General-Purpose Timer (AGT) × 2
 Watchdog Timer (WDT)
■ Safety
 Error Correction Code (ECC) in SRAM
 SRAM parity error check
 Flash area protection
 ADC self-diagnosis function
 Clock Frequency Accuracy Measurement Circuit (CAC)
 Cyclic Redundancy Check (CRC) calculator
 Data Operation Circuit (DOC)
 Port Output Enable for GPT (POEG)
 Independent Watchdog Timer (IWDT)
 GPIO readback level detection
 Register write protection
 Main oscillator stop detection
 Illegal memory access
■ System and Power Management
 Low power modes
 Realtime Clock (RTC) with calendar and Battery Backup support
 Event Link Controller (ELC)
 DMA Controller (DMAC) × 4
 Data Transfer Controller (DTC)
 Key Interrupt Function (KINT)
 Power-on reset
 Low Voltage Detection (LVD) with voltage settings
■ Security and Encryption
 AES128/256
 GHASH
 True Random Number Generator (TRNG)
■ Human Machine Interface (HMI)
 Segment LCD Controller (SLCDC)
- Up to 9 segments × 4 commons
- Capacitive Touch Sensing Unit (CTSU)
■ Multiple Clock Sources
 Main clock oscillator (MOSC)
(1 to 20 MHz when VCC = 2.4 to 3.6 V)
(1 to 8 MHz when VCC = 1.8 to 2.4 V)
 Sub-clock oscillator (SOSC) (32.768 kHz)
 High-speed on-chip oscillator (HOCO)
(24, 32, 48, 64 MHz when VCC = 2.4 to 3.6 V)
(24, 32, 48 MHz when VCC = 1.8 to 3.6 V)
 Middle-speed on-chip oscillator (MOCO) (8 MHz)
 Low-speed on-chip oscillator (LOCO) (32.768 kHz)
 IWDT-dedicated on-chip oscillator (15 kHz)
 Clock trim function for HOCO/MOCO/LOCO
 Clock out support
■ General Purpose I/O Ports
 Up to 35 input/output pins
- Up to 3 CMOS input
- Up to 32 CMOS input/output
- Up to 4 input/output 5 V tolerant
- Up to 1 high current (20 mA)
■ Operating Voltage
 VCC: 1.8 to 3.6 V
■ Operating Temperature and Packages
 Ta = –40°C to +85°C
- 56-pin QFN (7 mm × 7 mm, 0.4 mm pitch)
High efficiency 48-MHz Arm® Cortex®-M4 core, 512-KB code flash memory, 96-KB SRAM, Segment LCD Controller,
Capacitive Touch Sensing Unit, Bluetooth Low Energy, USB 2.0 Full-Speed, 14-Bit A/D Converter, 12-Bit D/A Converter,
security and safety features.
RA4W1 Group
Datasheet
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com