Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 9Page - Renesas Technology Corp RA4W1 Datasheet HTML 10Page - Renesas Technology Corp RA4W1 Datasheet HTML 11Page - Renesas Technology Corp RA4W1 Datasheet HTML 12Page - Renesas Technology Corp RA4W1 Datasheet HTML 13Page - Renesas Technology Corp RA4W1 Datasheet HTML 14Page - Renesas Technology Corp RA4W1 Datasheet HTML 15Page - Renesas Technology Corp RA4W1 Datasheet HTML 16Page - Renesas Technology Corp RA4W1 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 13 of 105
Mar 31, 2020
RA4W1 Datasheet
1. Overview
RTC
RTCOUT
Output
Output pin for 1-Hz/64-Hz clock
RTCIC0, RTCIC2
Input
Time capture event input pins
SCI
SCK0,SCK1,SCK4,
SCK9
I/O
Input/output pins for the clock (clock synchronous mode)
RXD0, RXD1, RXD4,
RXD9
Input
Input pins for received data (asynchronous mode/clock synchronous mode)
TXD0, TXD1, TXD4,
TXD9
Output
Output pins for transmitted data (asynchronous mode/clock synchronous
mode)
CTS0_RTS0,
CTS1_RTS1,
CTS4_RTS4,
CTS9_RTS9
I/O
Input/Output pins for controlling the start of transmission and reception
(asynchronous mode/clock synchronous mode), active-low
SCL0, SCL1, SCL4,
SCL9
I/O
Input/output pins for the IIC clock (simple IIC)
SDA0, SDA1, SDA4,
SDA9
I/O
Input/output pins for the IIC data (simple IIC)
SCK0, SCK1, SCK4,
SCK9
I/O
Input/output pins for the clock (simple SPI)
MISO0, MISO1,
MISO4, MISO9
I/O
Input/output pins for slave transmission of data (simple SPI)
MOSI0, MOSI1,
MOSI4, MOSI9
I/O
Input/output pins for master transmission of data (simple SPI)
SS0, SS1,SS4,SS9
Input
Slave-select input pins (simple SPI), active-low
IIC
SCL0 to SCL1
I/O
Input/output pins for clock
SDA0 to SDA1
I/O
Input/output pins for data
SPI
RSPCKA, RSPCKB
I/O
Clock input/output pin
MOSIA, MOSIB
I/O
Inputs or outputs data output from the master
MISOA, MISOB
I/O
Inputs or outputs data output from the slave
SSLA0, SSLB0
I/O
Input or output pin for slave selection
SSLA1, SSLA2,
SSLA3, SSLB1,
SSLB3
Output
Output pin for slave selection
CAN
CRX0
Input
Receive data
CTX0
Output
Transmit data
USBFS
VSS_USB
Input
Ground pins
VCC_USB_LDO
Input
Power supply pin for USB transceiver.
Apply the same voltage as VCC_USB.
VCC_USB
I/O
Input: Power supply pin for USB transceiver.
USB_DP
I/O
D+ I/O pin of the USB on-chip transceiver. This pin should be connected to
the D+ pin of the USB bus.
USB_DM
I/O
D– I/O pin of the USB on-chip transceiver. This pin should be connected to
the D– pin of the USB bus.
USB_VBUS
Input
USB cable connection monitor pin. This pin should be connected to VBUS
of the USB bus. The VBUS pin status (connected or disconnected) can be
detected when the USB module is operating as a device controller.
USB_VBUSEN
Output
VBUS (5 V) supply enable signal for external power supply chip
USB_OVRCURA,
USB_OVRCURB
Input
External overcurrent detection signals should be connected to these pins.
Analog power
supply
AVCC0
Input
Analog block power supply pin
AVSS0
Input
Analog block power supply ground pin
VREFH0
Input
Reference power supply pin
VREFL0
Input
Reference power supply ground pin
ADC14
AN004 to AN006,
AN009, AN010,
AN017, AN019,
AN020
Input
Input pins for the analog signals to be processed by the A/D converter
ADTRG0
Input
Input pins for the external trigger signals that start the A/D conversion,
active-low
DAC12
DA0
Output
Output pins for the analog signals to be processed by the D/A converter
Function
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com