Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 45Page - Renesas Technology Corp RA4W1 Datasheet HTML 46Page - Renesas Technology Corp RA4W1 Datasheet HTML 47Page - Renesas Technology Corp RA4W1 Datasheet HTML 48Page - Renesas Technology Corp RA4W1 Datasheet HTML 49Page - Renesas Technology Corp RA4W1 Datasheet HTML 50Page - Renesas Technology Corp RA4W1 Datasheet HTML 51Page - Renesas Technology Corp RA4W1 Datasheet HTML 52Page - Renesas Technology Corp RA4W1 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 49 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.3.4
Wakeup Time
Note 1.
The division ratio of ICK, BCK, FCK, and PCKx is the minimum division ratio within the allowable frequency range. The
recovery time is determined by the system clock source.
Note 2.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 05h.
Note 3.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 00h.
Note 4.
The HOCO Clock Wait Control Register (HOCOWTCR) is set to 05h.
Note 5.
The HOCO Clock Wait Control Register (HOCOWTCR) is set to 06h.
Note 1.
The division ratio of ICK, BCK, FCK, and PCKx is the minimum division ratio within the allowable frequency range. The
recovery time is determined by the system clock source.
Note 2.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 05h.
Note 3.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 00h.
Table 2.25
Timing of recovery from low power modes (1)
Parameter
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
High-speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator
(20 MHz)*2
tSBYMC
-2
3
ms
Figure 2.32
System clock source is
PLL (48 MHz) with Main
clock oscillator*2
tSBYPC
-2
3
ms
External clock
input to main
clock oscillator
System clock source is
main clock oscillator
(20 MHz)*3
tSBYEX
-14
25
μs
System clock source is
PLL (48 MHz) with Main
clock oscillator*3
tSBYPE
-53
76
μs
System clock source is HOCO*4
(HOCO clock is 32 MHz)
tSBYHO
-43
52
μs
System clock source is HOCO*4
(HOCO clock is 48 MHz)
tSBYHO
-44
52
μs
System clock source is HOCO*5
(HOCO clock is 64 MHz)
tSBYHO
-82
110
μs
System clock source is MOCO
tSBYMO
-16
25
μs
Table 2.26
Timing of recovery from low power modes (2)
Parameter
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
Middle-speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator
(12 MHz)*2
tSBYMC
-2
3
ms
Figure 2.32
System clock source is
PLL (24 MHz) with main
clock oscillator*2
tSBYPC
-2
3
ms
External clock
input to main
clock oscillator
System clock source is
main clock oscillator
(12 MHz)*3
tSBYEX
-2.9
10
μs
System clock source is
PLL (24 MHz) with main
clock oscillator*3
tSBYPE
-49
76
μs
System clock source is HOCO (24 MHz)
tSBYHO
-38
50
μs
System clock source is MOCO
tSBYMO
-3.5
5.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com