Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 3Page - Renesas Technology Corp RA4W1 Datasheet HTML 4Page - Renesas Technology Corp RA4W1 Datasheet HTML 5Page - Renesas Technology Corp RA4W1 Datasheet HTML 6Page - Renesas Technology Corp RA4W1 Datasheet HTML 7Page - Renesas Technology Corp RA4W1 Datasheet HTML 8Page - Renesas Technology Corp RA4W1 Datasheet HTML 9Page - Renesas Technology Corp RA4W1 Datasheet HTML 10Page - Renesas Technology Corp RA4W1 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 7 of 105
Mar 31, 2020
RA4W1 Datasheet
1. Overview
Bluetooth low energy(BLE)
 On-chip RF transceiver and link layer compliant with the Bluetooth 5.0 Low Energy
specification
 Bit rates: 1 Mbps, 2 Mbps, 500 kbps, and 125 kbps
 LE Advertising extension support
 Includes an RF transceiver power supply (selectable as a DC-to-DC converter or linear
regulator)
 On-chip matching circuit to help reduce the number of external parts
 Transmission power: +4 dBm support
Table 1.8
Analog
Feature
Functional description
14-bit A/D Converter (ADC14)
A 14-bit successive approximation A/D converter is provided. Up to 8 analog input channels
are selectable. Temperature sensor output and internal reference voltage are selectable for
conversion. The A/D conversion accuracy is selectable from 12-bit and 14-bit conversion
making it possible to optimize the tradeoff between speed and resolution in generating a digital
value. See section 34, 14-Bit A/D Converter (ADC14) in User’s Manual.
12-bit D/A Converter (DAC12)
The 12-bit D/A Converter (DAC12) converts data and includes an output amplifier. See section
35, 12-Bit D/A Converter (DAC12) in User’s Manual.
8-bit D/A Converter (DAC8) for
ACMPLP
The 8-bit D/A Converter (DAC8) converts data and does not include an output amplifier. The
DAC8 is used only as the reference voltage for ACMPLP. See section 39, 8-Bit D/A Converter
(DAC8) in User’s Manual.
Temperature Sensor (TSN)
The on-chip temperature sensor determines and monitors the die temperature for reliable
operation of the device. The sensor outputs a voltage directly proportional to the die
temperature, and the relationship between the die temperature and the output voltage is linear.
The output voltage is provided to the ADC14 for conversion and can be further used by the end
application. See section 36, Temperature Sensor (TSN) in User’s Manual.
Low-Power Analog Comparator
(ACMPLP)
The Low-Power Analog Comparator (ACMPLP) compares a reference input voltage and
analog input voltage. The comparison result can be read by software and also be output
externally. The reference voltage can be selected from an input to the CMPREFi(i = 0,1) pin,
an internal 8-bit D/A converter output, or the internal reference voltage (Vref) generated
internally in the MCU.
The ACMPLP response speed can be set before starting an operation. Setting the high-speed
mode decreases the response delay time, but increases current consumption. Setting the low-
speed mode increases the response delay time, but decreases current consumption. See
section 38, Low Power Analog Comparator (ACMPLP) in User’s Manual.
Operational Amplifier (OPAMP)
The Operational Amplifier (OPAMP) can be used to amplify small analog input voltages and
output the amplified voltages. A differential operational amplifier unit with two input pins and
one output pin are provided. See section 37, Operational Amplifier (OPAMP) in User’s Manual.
Table 1.9
Human machine interfaces
Feature
Functional description
Segment LCD Controller (SLCDC)
The SLCDC provides the following functions:
 Waveform A or B selectable
 The LCD driver voltage generator uses an external resistance division method
 Automatic output of segment and common signals based on automatic display data register
read
 The LCD can be made to blink.
See section 44, Segment LCD Controller (SLCDC) in User’s Manual.
Capacitive Touch Sensing Unit
(CTSU)
The Capacitive Touch Sensing Unit (CTSU) measures the electrostatic capacitance of the
touch sensor. Changes in the electrostatic capacitance are determined by software, which
enables the CTSU to detect whether a finger is in contact with the touch sensor. The electrode
surface of the touch sensor is usually enclosed with an electrical insulator so that a finger does
not come into direct contact with the electrode. See section 40, Capacitive Touch Sensing Unit
(CTSU) in User’s Manual.
Table 1.7
Communication interfaces (2 of 2)
Feature
Functional description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com