Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 33Page - Renesas Technology Corp RA4W1 Datasheet HTML 34Page - Renesas Technology Corp RA4W1 Datasheet HTML 35Page - Renesas Technology Corp RA4W1 Datasheet HTML 36Page - Renesas Technology Corp RA4W1 Datasheet HTML 37Page - Renesas Technology Corp RA4W1 Datasheet HTML 38Page - Renesas Technology Corp RA4W1 Datasheet HTML 39Page - Renesas Technology Corp RA4W1 Datasheet HTML 40Page - Renesas Technology Corp RA4W1 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 37 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
Figure 2.18
Voltage dependency in subosc-speed mode (reference data)
Note 1.
Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Note 2.
The IWDT and LVD are not operating.
Note 3.
Includes the current of sub-oscillation circuit or low-speed on-chip oscillator.
Note 4.
VCC = 3.3 V.
Table 2.12
Operating and standby current (2)
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
Typ*4
Max
Unit
Test conditions
Supply
current*1
Software Standby
mode*2
Ta = 25°C
ICC
0.9
5.0
μA
PSMCR.PSMC[1:0] = 01b (48-KB
SRAM on)
Ta = 55°C
1.5
8.1
Ta = 85°C
3.6
22.1
Ta = 25°C
1.0
5.6
PSMCR.PSMC[1:0] = 00b (All SRAM
on)
Ta = 55°C
1.6
8.4
Ta = 85°C
4.3
26.7
Increment for RTC operation with
low-speed on-chip oscillator*3
0.5
--
Increment for RTC operation with
sub-clock oscillator*3
0.4
-
SOMCR.SODRV[1:0] are 11b
(Low power mode 3)
1.2
-
SOMCR.SODRV[1:0] are 00b
(Normal mode)
Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the
actual measurements of the sample cores during product evaluation.
Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the
actual measurements for the upper-limit samples during product evaluation.
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC (V)
Ta = 25 , ICLK = 32kHz *1
Ta = 85 , ICLK = 32kHz *2
Ta = 85 , ICLK = 32kHz*2
Ta = 25 , ICLK = 32kHz*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com