Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 37Page - Renesas Technology Corp RA4W1 Datasheet HTML 38Page - Renesas Technology Corp RA4W1 Datasheet HTML 39Page - Renesas Technology Corp RA4W1 Datasheet HTML 40Page - Renesas Technology Corp RA4W1 Datasheet HTML 41Page - Renesas Technology Corp RA4W1 Datasheet HTML 42Page - Renesas Technology Corp RA4W1 Datasheet HTML 43Page - Renesas Technology Corp RA4W1 Datasheet HTML 44Page - Renesas Technology Corp RA4W1 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 41 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
Table 2.15
Operating and standby current (5)
Conditions: VCC = VCC_RF = AVCC_RF = 3.3 V, VSS = VSS_RF = 0 V, Ta = +25°C
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Transmit output power
0 dBm
4 dBm
BLE operating
current
(When DC-DC
converter is
selected)
Transmit mode, 2 Mbps
Idd_tx
-
4.5
8.7
-
mA
-
Transmit mode, 1 Mbps
-
-
mA
-
Transmit mode, 500 kbps
-
-
mA
-
Transmit mode, 125 kbps
-
-
mA
-
Receive mode, 2 Mbps
Prf = -67 dBm
Idd_rx
-
3.3
3.5
-
mA
-
Receive mode, 1 Mbps
Prf = -67 dBm
--
mA
-
Receive mode, 500 kbps
Prf = -72 dBm
--
mA
-
Receive mode, 125 kbps
Prf = -79 dBm
--
mA
-
Idle mode
Idd_idle
-
0.5
-
mA
-
Deep sleep mode
Idd_slp
-
1.5
-
μA-
Power down mode
Idd_down -
0.1
-
μA-
BLE operating
current
(When linear
regulator is
selected)
Transmit mode, 2 Mbps
Idd_tx
-
10.2
18.1
-
mA
-
Transmit mode, 1 Mbps
-
-
mA
-
Transmit mode, 500 kbps
-
-
mA
-
Transmit mode, 125 kbps
-
-
mA
-
Receive mode, 2M bps
Prf = -67 dBm
Idd_rx
-
6.9
-
mA
-
Receive mode, 1 Mbps
Prf = -67 dBm
-6.9
-
mA
-
Receive mode, 500 kbps
Prf = -72 dBm
-6.9
-
mA
-
Receive mode, 125 kbps
Prf = -79 dBm
-7.1
-
mA
-
Idd_idle
Idd_idle
-
0.7
-
mA
-
Idd_slp
Idd_slp
-
1.5
-
μA-
Idd_down
Idd_down -
0.1
-
μA-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com