Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 16Page - Renesas Technology Corp RA4W1 Datasheet HTML 17Page - Renesas Technology Corp RA4W1 Datasheet HTML 18Page - Renesas Technology Corp RA4W1 Datasheet HTML 19Page - Renesas Technology Corp RA4W1 Datasheet HTML 20Page - Renesas Technology Corp RA4W1 Datasheet HTML 21Page - Renesas Technology Corp RA4W1 Datasheet HTML 22Page - Renesas Technology Corp RA4W1 Datasheet HTML 23Page - Renesas Technology Corp RA4W1 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 20 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.1
Absolute Maximum Ratings
Note 1.
Ports P205, P206, P402, P407 are 5V-tolerant.
Note 2.
See section 2.2.1, Tj/Ta Definition.
Caution:
Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors of high frequency characteristics
between the VCC and VSS pins, between the AVCC0 and AVSS0 pins, between VCC_RF and VSS_RF pins,
between the AVDD_RF and VSS_RF pins, between the VCC_USB and VSS_USB pins, between the VREFH0 and
VREFL0 pins. Place capacitors with values of about 2.2 μF in the case of the VCC_RF pin and about 0.1 μF
otherwise as close as possible to every power supply pin, and use the shortest and thickest possible traces for
the connections. Also, connect capacitors as stabilization capacitance.
Connect the VCL pin to a VSS pin by a 4.7 µF capacitor. The capacitor must be placed close to the pin.
Do not input signals or an I/O pull-up power supply while the device is not powered. The current injection that
results from input of such a signal or I/O pull-up might cause malfunction and the abnormal current that passes in
the device at this time might cause degradation of internal elements.
Table 2.1
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Power supply voltage
VCC
–0.5 to +4.0
V
Input voltage
5V-tolerant ports*1
Vin
–0.3 to +6.5
V
P004, P010, P011, P014,
P015
Vin
–0.3 to AVCC0 + 0.3
V
ANT
Vin
–1.0 to +1.4
V
XTAL1_RF, XTAL2_RF
Vin
–0.3 to +1.4
V
DCLIN_A, DCLIN_D
Vin
–0.3 to +2.2
V
Others
Vin
–0.3 to VCC + 0.3
V
Reference power supply voltage
VREFH0
–0.3 to +4.0
V
VBATT power supply voltage
VBATT
–0.5 to +4.0
V
Analog power supply voltage
AVCC0
–0.5 to +4.0
V
VCC_RF
–0.3 to +4.0
V
AVCC_RF
–0.3 to +4.0
V
USB power supply voltage
VCC_USB
–0.5 to +4.0
V
VCC_USB_LDO
–0.5 to +4.0
V
Analog input voltage
When AN004 to AN006,
AN009, AN010 are used
VAN
–0.3 to AVCC0 + 0.3
V
When AN017, AN019,
AN020 are used
–0.3 to VCC + 0.3
V
LCD voltage
VL1 voltage
VL1
–0.3 to +2.8
V
VL2 voltage
VL2
–0.3 to +4.0
V
VL4 voltage
VL4
–0.3 to +4.0
V
Operating temperature*2
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com