Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 86Page - Renesas Technology Corp RA4W1 Datasheet HTML 87Page - Renesas Technology Corp RA4W1 Datasheet HTML 88Page - Renesas Technology Corp RA4W1 Datasheet HTML 89Page - Renesas Technology Corp RA4W1 Datasheet HTML 90Page - Renesas Technology Corp RA4W1 Datasheet HTML 91Page - Renesas Technology Corp RA4W1 Datasheet HTML 92Page - Renesas Technology Corp RA4W1 Datasheet HTML 93Page - Renesas Technology Corp RA4W1 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 90 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.12
Segment LCD Controller Characteristics
2.12.1
Resistance Division Method
[Static Display Mode]
[1/2 Bias Method, 1/4 Bias Method]
[1/3 Bias Method]
2.13
Comparator Characteristics
Note 1. When 8-bit DAC output is used as the reference voltage, the offset voltage increases up to 2.5 x VCC/256.
Note 2. In window mode, be sure to satisfy the following condition: IVREF1 - IVREF0 > 0.2 V.
Table 2.57
Resistance division method LCD characteristics (1)
Conditions: VL4 ≤ VCC ≤ 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
LCD drive voltage
VL4
2.0
-
VCC
V
-
Table 2.58
Resistance division method LCD characteristics (2)
Conditions: VL4 ≤ VCC ≤ 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
LCD drive voltage
VL4
2.7
-
VCC
V
-
Table 2.59
Resistance division method LCD characteristics (3)
Conditions: VL4 ≤ VCC ≤ 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
LCD drive voltage
VL4
2.5
-
VCC
V
-
Table 2.60
ACMPLP characteristics
Conditions: VCC = 1.8 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Reference voltage range
Standard mode
IVREFn
(n=0,1)
VREF
0
-
VCC–1.4
V
-
Window mode*2
IVREF1
VREFH
1.4
-
VCC
V
-
IVREF0
VREFL
0
-
VCC–1.4
V
-
Input voltage range
VI
0
-
VCC
V
-
Internal reference voltage
-
1.36
1.44
1.50
V
-
Output delay
High-speed mode
Td
-
-
1.2
μsVCC = 3.0
Slew rate of input
signal > 50 mV/μs
Low-speed mode
-
-
5
μs
Window mode
-
-
2
μs
Offset voltage*1
High-speed mode
-
-
-
50
mV
-
Low-speed mode
-
-
-
40
mV
-
Window mode
-
-
-
60
mV
-
Operation stabilization wait time
Tcmp
100
-
-
μs-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com