Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 10Page - Renesas Technology Corp RA4W1 Datasheet HTML 11Page - Renesas Technology Corp RA4W1 Datasheet HTML 12Page - Renesas Technology Corp RA4W1 Datasheet HTML 13Page - Renesas Technology Corp RA4W1 Datasheet HTML 14Page - Renesas Technology Corp RA4W1 Datasheet HTML 15Page - Renesas Technology Corp RA4W1 Datasheet HTML 16Page - Renesas Technology Corp RA4W1 Datasheet HTML 17Page - Renesas Technology Corp RA4W1 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 14 of 105
Mar 31, 2020
RA4W1 Datasheet
1. Overview
Comparator output
VCOUT
Output
Comparator output pin
ACMPLP
CMPREF0,
CMPREF1
Input
Reference voltage input pins
CMPIN0, CMPIN1
Input
Analog voltage input pins
OPAMP
AMP2+
Input
Analog voltage input pins
AMP2-
Input
Analog voltage input pins
AMP2O
Output
Analog voltage output pins
CTSU
TS00, TS01, TS03,
TS10, TS12, TS13,
TS18, TS28, TS30,
TS31, TS34
Input
Capacitive touch detection pins (touch pins)
TSCAP
—
Secondary power supply pin for the touch driver
I/O ports
P004, P010, P011,
P014, P015
I/O
General-purpose input/output pins
P100 to P111
I/O
General-purpose input/output pins
P200
Input
General-purpose input pin
P201, P204 to P206,
P212, P213
I/O
General-purpose input/output pins
P214, P215
Input
General-purpose input pins
P300
I/O
General-purpose input/output pins
P402, P404, P407,
P409, P414
I/O
General-purpose input/output pins
P501
I/O
General-purpose input/output pins
P914, P915
I/O
General-purpose input/output pins
SLCDC
VL1, VL2, VL4
I/O
Voltage pin for driving the LCD
COM0 to COM3
Output
Common signal output pins for the LCD controller/driver
SEG6, SEG9,
SEG11, SEG12,
SEG20, SEG23,
SEG49, SEG52,
SEG53
Output
Segment signal output pins for the LCD controller/driver
BLE (Bluetooth Low
Energy)
ANT
I/O
RF single I/O pin for the RF transceiver
Set the impedance of the signal line to 50 Ω.
DCLOUT
Output
RF transceiver power-supply output pin
DCLIN_A
Input
RF transceiver power-supply output connection pin
DCLIN_D
Input
RF transceiver power-supply output connection pin
VCC_RF
Input
RF transceiver power supply pin
AVCC_RF
Input
RF transceiver power supply pin
VSS_RF
Input
RF transceiver ground pin
Function
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com