Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 8Page - Renesas Technology Corp RA4W1 Datasheet HTML 9Page - Renesas Technology Corp RA4W1 Datasheet HTML 10Page - Renesas Technology Corp RA4W1 Datasheet HTML 11Page - Renesas Technology Corp RA4W1 Datasheet HTML 12Page - Renesas Technology Corp RA4W1 Datasheet HTML 13Page - Renesas Technology Corp RA4W1 Datasheet HTML 14Page - Renesas Technology Corp RA4W1 Datasheet HTML 15Page - Renesas Technology Corp RA4W1 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 12 of 105
Mar 31, 2020
RA4W1 Datasheet
1. Overview
1.5
Pin Functions
Function
Signal
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply. Connect this pin
to VSS by a 0.1-μF capacitor. The capacitor should be placed close to the
pin.
VCL
Input
Connect this pin to the VSS pin by the smoothing capacitor used to stabilize
the internal power supply. Place the capacitor close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
VBATT
Input
Backup power pin
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be input through
the EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal resonator
between XCOUT and XCIN.
XCOUT
Output
CLKOUT_RF
Output
Bluetooth-dedicated clock output pin for output of a 1-, 2-, or 4-MHz signal
XTAL1_RF
Input
Pins for connecting the Bluetooth-dedicated clock oscillator. Connect a 32-
MHz oscillator to these pins.
XTAL2_RF
Output
CLKOUT
Output
Clock output pin
Operating mode
control
MD
Input
Pins for setting the operating mode. The signal levels on these pins must
not be changed during operation mode transition at the time of release from
the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this signal
goes low.
CAC
CACREF
Input
Measurement reference clock input pin
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQ0 to IRQ4, IRQ6,
IRQ7, IRQ9, IRQ11,
IRQ14, IRQ15
Input
Maskable interrupt request pins
KINT
KR00 to KR07
Input
A key interrupt can be generated by inputting a falling edge to the key
interrupt input pins
On-chip debug
TMS
I/O
On-chip emulator pins
TDI
Input
TCK
Input
TDO
Output
SWDIO
I/O
Serial Wire debug Data Input/Output pin
SWCLK
Input
Serial Wire Clock pin
SWO
Output
Serial Wire trace Output pin
Battery backup
VBATWIO0
I/O
Output wakeup signal for the VBATT wakeup control function.
External event input for the VBATT wakeup control function.
GPT
GTETRGA,
GTETRGB
Input
External trigger input pin
GTIO0A to
GTIOA5A,GTIO8A,
GTIO0B to
GTIOA5B,GTIO8B
I/O
Input capture, Output capture, or PWM output pin
GTIU
Input
Hall sensor input pin U
GTIV
Input
Hall sensor input pin V
GTIW
Input
Hall sensor input pin W
GTOUUP
Output
3-phase PWM output for BLDC motor control (positive U phase)
GTOULO
Output
3-phase PWM output for BLDC motor control (negative U phase)
GTOVUP
Output
3-phase PWM output for BLDC motor control (positive V phase)
GTOVLO
Output
3-phase PWM output for BLDC motor control (negative V phase)
GTOWUP
Output
3-phase PWM output for BLDC motor control (positive W phase)
GTOWLO
Output
3-phase PWM output for BLDC motor control (negative W phase)
AGT
AGTEE0, AGTEE1
Input
External event input enable
AGTIO0, AGTIO1
I/O
External event input and pulse output
AGTO0, AGTO1
Output
Pulse output
AGTOB0
Output
Output compare match B output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com