Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 6Page - Renesas Technology Corp RA4W1 Datasheet HTML 7Page - Renesas Technology Corp RA4W1 Datasheet HTML 8Page - Renesas Technology Corp RA4W1 Datasheet HTML 9Page - Renesas Technology Corp RA4W1 Datasheet HTML 10Page - Renesas Technology Corp RA4W1 Datasheet HTML 11Page - Renesas Technology Corp RA4W1 Datasheet HTML 12Page - Renesas Technology Corp RA4W1 Datasheet HTML 13Page - Renesas Technology Corp RA4W1 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 10 of 105
Mar 31, 2020
RA4W1 Datasheet
1. Overview
Figure 1.2
Part numbering scheme
Table 1.12
Product list
Product part number
Orderable part number
Code flash
Data flash
SRAM
Operating
temperature
R7FA4W1AD2CNG
R7FA4W1AD2CNG#AA0
512 KB
8 KB
96 KB
-40 to +85°C
D 2 C N G #AA 0
R 7 F A 4 W 1 A
Package type
NG: QFN 56 pins
Quality ID
Operating temperature
2: -40
° C to 85° C
Code flash memory size
D: 512 KB
Feature set
A: Security
Series name
4: Up to 100MHz
Renesas RA family
Flash memory
Renesas microcontroller
Renesas
Production identification code
Packing, Terminal material (Pb-free)
#AA: Tray/Sn(Tin) only
#AC: Tray/others
Group name
W1: Wireless Communication 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com