Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 87Page - Renesas Technology Corp RA4W1 Datasheet HTML 88Page - Renesas Technology Corp RA4W1 Datasheet HTML 89Page - Renesas Technology Corp RA4W1 Datasheet HTML 90Page - Renesas Technology Corp RA4W1 Datasheet HTML 91Page - Renesas Technology Corp RA4W1 Datasheet HTML 92Page - Renesas Technology Corp RA4W1 Datasheet HTML 93Page - Renesas Technology Corp RA4W1 Datasheet HTML 94Page - Renesas Technology Corp RA4W1 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 91 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.14
OPAMP Characteristics
Note 1.
When the operational amplifier reference current circuit is activated in advance.
Table 2.61
OPAMP characteristics
Conditions: VCC = AVCC0 = 1.8 to 3.6 V (AVCC0 = VCC when VCC < 2.0 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Common mode input
range
Vicm1
Low-power mode
0.2
-
AVCC0 – 0.5
V
Vicm2
High-speed mode
0.3
-
AVCC0 – 0.6
V
Output voltage range
Vo1
Low-power mode
0.1
-
AVCC0 – 0.1
V
Vo2
High-speed mode
0.1
-
AVCC0 – 0.1
V
Input offset voltage
Vioff
3σ
–10
-
10
mV
Open gain
Av
60
120
-
dB
Gain-bandwidth (GB)
product
GBW1
Low-power mode
-
0.04
-
MHz
GBW2
High-speed mode
-
1.7
-
MHz
Phase margin
PM
CL = 20 pF
50
-
-
deg
Gain margin
GM
CL = 20 pF
10
-
-
dB
Equivalent input noise
Vnoise1
f = 1 kHz
Low-power mode
-
230
-
nV/√Hz
Vnoise2
f = 10 kHz
-
200
-
nV/√Hz
Vnoise3
f = 1 kHz
High-speed mode
-
90
-
nV/√Hz
Vnoise4
f = 2 kHz
-
70
-
nV/√Hz
Power supply
reduction ratio
PSRR
-
90
-
dB
Common mode signal
reduction ratio
CMRR
-
90
-
dB
Stabilization wait time
Tstd1
CL = 20 pF
Only operational amplifier is
activated *1
Low-power mode
650
-
-
μs
Tstd2
High-speed mode
13
-
-
μs
Tstd3
CL = 20 pF
Operational amplifier and
reference current circuit are
activated simultaneously
Low-power mode
650
-
-
μs
Tstd4
High-speed mode
13
-
-
μs
Settling time
Tset1
CL = 20 pF
Low-power mode
-
-
750
μs
Tset2
High-speed mode
-
-
13
μs
Slew rate
Tslew1
CL = 20 pF
Low-power mode
-
0.02
-
V/μs
Tslew2
High-speed mode
-
1.1
-
V/μs
Load current
Iload1
Low power mode
–100
-
100
μA
Iload2
High-speed mode
–100
-
100
μA
Load capacitance
CL
--20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com