Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 19Page - Renesas Technology Corp RA4W1 Datasheet HTML 20Page - Renesas Technology Corp RA4W1 Datasheet HTML 21Page - Renesas Technology Corp RA4W1 Datasheet HTML 22Page - Renesas Technology Corp RA4W1 Datasheet HTML 23Page - Renesas Technology Corp RA4W1 Datasheet HTML 24Page - Renesas Technology Corp RA4W1 Datasheet HTML 25Page - Renesas Technology Corp RA4W1 Datasheet HTML 26Page - Renesas Technology Corp RA4W1 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 23 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
Note 1.
P205, P206, P402, P407 (total 4 pins).
Table 2.5
I/O VIH, VIL (2)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LDO = 1.8 to 2.7 V, VBATT = 1.8 to 3.6 V, VSS = AVSS0 = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Schmitt trigger
input voltage
RES, NMI
Peripheral input pins
VIH
VCC × 0.8
-
-
V
-
VIL
-
-
VCC × 0.2
ΔVT
VCC × 0.01
-
-
Input voltage
(except for
Schmitt trigger
input pin)
5V-tolerant ports*1
VIH
VCC × 0.8
-
5.8
VIL
-
-
VCC × 0.2
P914, P915
VIH
VCC_USB × 0.8
-
VCC_USB + 0.3
VIL
-
-
VCC_USB × 0.2
P004, P010
VIH
AVCC0 × 0.8
-
-
VIL
-
-
AVCC0 × 0.2
EXTAL
Input ports pins except for
P004, P010
VIH
VCC × 0.8
-
-
VIL
-
-
VCC × 0.2
When VBATT
power supply is
selected
P402, P404
VIH
VBATT × 0.8
-
VBATT + 0.3
VIL
--
VBATT × 0.2
ΔVT
VBATT × 0.01
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com