Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 20Page - Renesas Technology Corp RA4W1 Datasheet HTML 21Page - Renesas Technology Corp RA4W1 Datasheet HTML 22Page - Renesas Technology Corp RA4W1 Datasheet HTML 23Page - Renesas Technology Corp RA4W1 Datasheet HTML 24Page - Renesas Technology Corp RA4W1 Datasheet HTML 25Page - Renesas Technology Corp RA4W1 Datasheet HTML 26Page - Renesas Technology Corp RA4W1 Datasheet HTML 27Page - Renesas Technology Corp RA4W1 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 24 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.2.3
I/O IOH, IOL
Caution:
To protect the reliability of the MCU, the output current values should not exceed the values in this table. The
average output current indicates the average value of current measured during 100 μs.
Table 2.6
I/O IOH, IOL
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LDO = 1.8 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Permissible output current
(average value per pin)
Ports P212, P213
-
IOH
--–4.0
mA
IOL
--4.0
mA
Port P409
Low drive
*1
IOH
--–4.0
mA
IOL
--4.0
mA
Middle drive
*2
VCC = 2.7 to 3.0 V
IOH
--–8.0
mA
IOL
--8.0
mA
Middle drive
*2
VCC = 3.0 to 3.6 V
IOH
--–20.0
mA
IOL
--20.0
mA
Ports P100 to P111,
P201, P204, P300, P501
(total 16 pins)
Low drive
*1
IOH
--–4.0
mA
IOL
--4.0
mA
Middle drive
*2
IOH
--–4.0
mA
IOL
--8.0
mA
Ports P914, P915
-
IOH
-
-
–4.0
mA
IOL
--4.0
mA
Other output pin
*3
Low drive
*1
IOH
--–4.0
mA
IOL
--4.0
mA
Middle drive
*2
IOH
--–8.0
mA
IOL
--8.0
mA
Permissible output current
(Max value per pin)
Ports P212, P213
-
IOH
--–4.0
mA
IOL
--4.0
mA
Port P409
Low drive
*1
IOH
--–4.0
mA
IOL
--4.0
mA
Middle drive
*2
VCC = 2.7 to 3.0 V
IOH
--–8.0
mA
IOL
--8.0
mA
Middle drive
*2
VCC = 3.0 to 3.6 V
IOH
--–20.0
mA
IOL
--20.0
mA
Ports P100 to P111,
P201, P204, P300, P501
(total 16 pins)
Low drive*1
IOH
--–4.0
mA
IOL
--4.0
mA
Middle drive*2
IOH
--–4.0
mA
IOL
--8.0
mA
Ports P914, P915
-
IOH
-
-
–4.0
mA
IOL
--4.0
mA
Other output pin
*3
Low drive*1
IOH
--–4.0
mA
IOL
--4.0
mA
Middle drive*2
IOH
--–8.0
mA
IOL
--8.0
mA
Permissible output current
(max value total pins)
Total of ports P004, P010
Σ
IOH (max)
--–30
mA
Σ
IOL (max)
--30
mA
Ports P914, P915
Σ
IOH (max)
-
-
–4.0
mA
Σ
IOL (min)
--4.0
mA
Total of all output pin
*5
Σ
IOH (max)
--–60
mA
Σ
IOL (max)
--60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com