Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RA4W1 Datasheet HTML 1Page - Renesas Technology Corp RA4W1 Datasheet HTML 2Page - Renesas Technology Corp RA4W1 Datasheet HTML 3Page - Renesas Technology Corp RA4W1 Datasheet HTML 4Page - Renesas Technology Corp RA4W1 Datasheet HTML 5Page - Renesas Technology Corp RA4W1 Datasheet HTML 6Page - Renesas Technology Corp RA4W1 Datasheet HTML 7Page - Renesas Technology Corp RA4W1 Datasheet HTML 8Page - Renesas Technology Corp RA4W1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 4 of 105
Mar 31, 2020
RA4W1 Datasheet
1. Overview
Table 1.3
System (1 of 2)
Feature
Functional description
Operating modes
Two operating modes:
 Single-chip mode
 SCI/USB boot mode.
See section 3, Operating Modes in User’s Manual.
Resets
14 resets:
 RES pin reset
 Power-on reset
 VBATT-selected voltage power-on reset
 Independent watchdog timer reset
 Watchdog timer reset
 Voltage monitor 0 reset
 Voltage monitor 1 reset
 SRAM parity error reset
 SRAM ECC error reset
 Bus master MPU error reset
 Bus slave MPU error reset
 Stack pointer error reset
 Software reset.
See section 6, Resets in User’s Manual.
Low Voltage Detection (LVD)
The Low Voltage Detection (LVD) monitors the voltage level input to the VCC pin, and the
detection level can be selected using a software program. See section 8, Low Voltage
Detection (LVD) in User’s Manual.
Clocks
 Main clock oscillator (MOSC)
 Sub-clock oscillator (SOSC)
 High-speed on-chip oscillator (HOCO)
 Middle-speed on-chip oscillator (MOCO)
 Low-speed on-chip oscillator (LOCO)
 PLL frequency synthesizer
 IWDT-dedicated on-chip oscillator
 Bluetooth-dedicated clock oscillator
 Bluetooth-dedicated low-speed on-chip oscillator
 Clock out support.
See section 9, Clock Generation Circuit in User’s Manual.
Clock Frequency Accuracy
Measurement Circuit (CAC)
The Clock Frequency Accuracy Measurement Circuit (CAC) counts pulses of the clock to be
measured (measurement target clock) within the time generated by the clock to be used as a
measurement reference (measurement reference clock), and determines the accuracy
depending on whether the number of pulses is within the allowable range.
When measurement is complete or the number of pulses within the time generated by the
measurement reference clock is not within the allowable range, an interrupt request is
generated. See section 10, Clock Frequency Accuracy Measurement Circuit (CAC) in User’s
Manual.
Interrupt Controller Unit (ICU)
The Interrupt Controller Unit (ICU) controls which event signals are linked to the NVIC/DTC
module and DMAC module. The ICU also controls NMI interrupts. See section 14, Interrupt
Controller Unit (ICU) in User’s Manual.
Key Interrupt Function (KINT)
A key interrupt can be generated by setting the Key Return Mode Register (KRM) and inputting
a rising or falling edge to the key interrupt input pins. See section 21, Key Interrupt Function
(KINT) in User’s Manual.
Low Power Mode
Power consumption can be reduced in multiple ways, such as by setting clock dividers,
stopping modules, selecting power control mode in normal operation, and transitioning to low
power modes. See section 11, Low Power Modes in User’s Manual.
Battery backup function
A battery backup function is provided for partial powering by a battery. The battery powered
area includes RTC, SOSC, LOCO, wakeup control, backup memory, VBATT_R low voltage
detection, and switch between VCC and VBATT.
During normal operation, the battery powered area is powered by the main power supply,
which is the VCC pin. When a VCC voltage fall is detected, the power source is switched to the
dedicated battery backup power pin, the VBATT pin.
When the voltage rises again, the power source is switched from the VBATT pin to the VCC
pin. See section 12, Battery Backup Function in User’s Manual.
Register write protection
The register write protection function protects important registers from being overwritten
because of software errors. See section 13, Register Write Protection in User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com