Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 66Page - Renesas Technology Corp RA4W1 Datasheet HTML 67Page - Renesas Technology Corp RA4W1 Datasheet HTML 68Page - Renesas Technology Corp RA4W1 Datasheet HTML 69Page - Renesas Technology Corp RA4W1 Datasheet HTML 70Page - Renesas Technology Corp RA4W1 Datasheet HTML 71Page - Renesas Technology Corp RA4W1 Datasheet HTML 72Page - Renesas Technology Corp RA4W1 Datasheet HTML 73Page - Renesas Technology Corp RA4W1 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 70 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.4
USB Characteristics
2.4.1
USBFS Timing
Figure 2.60
USB_DP and USB_DM output timing
Table 2.40
USB characteristics
Conditions: VCC = VCC_USB = 3.0 to 3.6 V, Ta = -20 to +85°C (USBCLKSEL = 1)
Parameter
Symbol
Min
Max
Unit
Test conditions
Input
characteristics
Input high level voltage
VIH
2.0
-
V
-
Input low level voltage
VIL
-0.8
V
-
Differential input sensitivity VDI
0.2
-
V
| USB_DP - USB_DM |
Differential common mode
range
VCM
0.8
2.5
V
-
Output
characteristics
Output high level voltage
VOH
2.8
VCC_USB
V
IOH = –200 μA
Output low level voltage
VOL
0.0
0.3
V
IOL = 2 mA
Cross-over voltage
VCRS
1.3
2.0
V
Figure 2.60,
Figure 2.61,
Figure 2.62
Rise time
FS
tr
420
ns
LS
75
300
Fall time
FS
tf
420
ns
LS
75
300
Rise/fall time ratio
FS
tr/tf
90
111.11
%
LS
80
125
Output resistance
ZDRV
28
44
Ω
(Adjusting the resistance
of external elements is not
required.)
VBUS
characteristics
VBUS input voltage
VIH
VCC × 0.8
-
V
-
VIL
-VCC × 0.2
V
-
Pull-up,
pull-down
Pull-down resistor
RPD
14.25
24.80
kΩ
-
Pull-up resistor
RPUI
0.9
1.575
kΩ
During idle state
RPUA
1.425
3.09
kΩ
During reception
Battery Charging
Specification
Ver 1.2
D + sink current
IDP_SINK
25
175
μA-
D – sink current
IDM_SINK
25
175
μA-
DCD source current
IDP_SRC
713
μA-
Data detection voltage
VDAT_REF
0.25
0.4
V
-
D + source voltage
VDP_SRC
0.5
0.7
V
Output current = 250 μA
D – source voltage
VDM_SRC
0.5
0.7
V
Output current = 250 μA
USB_DP,
USB_DM
tf
tr
90%
10%
10%
90%
VCRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com