Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 108 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 108 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 104Page - Microchip Technology ATMEGA640 Datasheet HTML 105Page - Microchip Technology ATMEGA640 Datasheet HTML 106Page - Microchip Technology ATMEGA640 Datasheet HTML 107Page - Microchip Technology ATMEGA640 Datasheet HTML 108Page - Microchip Technology ATMEGA640 Datasheet HTML 109Page - Microchip Technology ATMEGA640 Datasheet HTML 110Page - Microchip Technology ATMEGA640 Datasheet HTML 111Page - Microchip Technology ATMEGA640 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 436 page
background image
108
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
14.4 Register Description
14.4.1
MCUCR – MCU Control Register
• Bit 1 – IVSEL: Interrupt Vector Select
When the IVSEL bit is cleared (zero), the Interrupt Vectors are placed at the start of the Flash memory. When this
bit is set (one), the Interrupt Vectors are moved to the beginning of the Boot Loader section of the Flash. The actual
address of the start of the Boot Flash Section is determined by the BOOTSZ Fuses. Refer to the section “Memory
Programming” on page 325 for details. To avoid unintentional changes of Interrupt Vector tables, a special write
procedure must be followed to change the IVSEL bit (see “Moving Interrupts Between Application and Boot Sec-
tion” on page 107):
1. Write the Interrupt Vector Change Enable (IVCE) bit to one.
2. Within four cycles, write the desired value to IVSEL while writing a zero to IVCE.
Interrupts will automatically be disabled while this sequence is executed. Interrupts are disabled in the cycle IVCE
is set, and they remain disabled until after the instruction following the write to IVSEL. If IVSEL is not written, inter-
rupts remain disabled for four cycles. The I-bit in the Status Register is unaffected by the automatic disabling.
Note:
If Interrupt Vectors are placed in the Boot Loader section and Boot Lock bit BLB02 is programmed, interrupts are dis-
abled while executing from the Application section. If Interrupt Vectors are placed in the Application section and Boot
Lock bit BLB12 is programed, interrupts are disabled while executing from the Boot Loader section. Refer to the sec-
tion “Memory Programming” on page 325 for details on Boot Lock bits.
• Bit 0 – IVCE: Interrupt Vector Change Enable
The IVCE bit must be written to logic one to enable change of the IVSEL bit. IVCE is cleared by hardware four
cycles after it is written or when IVSEL is written. Setting the IVCE bit will disable interrupts, as explained in the
IVSEL description.
Bit
7
654
321
0
0x35 (0x55)
JTD
–
–
PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R/W
R
R
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com