Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 111 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 111 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 107Page - Microchip Technology ATMEGA640 Datasheet HTML 108Page - Microchip Technology ATMEGA640 Datasheet HTML 109Page - Microchip Technology ATMEGA640 Datasheet HTML 110Page - Microchip Technology ATMEGA640 Datasheet HTML 111Page - Microchip Technology ATMEGA640 Datasheet HTML 112Page - Microchip Technology ATMEGA640 Datasheet HTML 113Page - Microchip Technology ATMEGA640 Datasheet HTML 114Page - Microchip Technology ATMEGA640 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 436 page
background image
111
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
15.2.2
EICRB – External Interrupt Control Register B
• Bits 7:0 – ISC71, ISC70 - ISC41, ISC40: External Interrupt 7 - 4 Sense Control Bits
The External Interrupts 7 - 4 are activated by the external pins INT7:4 if the SREG I-flag and the corresponding
interrupt mask in the EIMSK is set. The level and edges on the external pins that activate the interrupts are defined
in Table 15-3. The value on the INT7:4 pins are sampled before detecting edges. If edge or toggle interrupt is
selected, pulses that last longer than one clock period will generate an interrupt. Shorter pulses are not guaranteed
to generate an interrupt. Observe that CPU clock frequency can be lower than the XTAL frequency if the XTAL
divider is enabled. If low level interrupt is selected, the low level must be held until the completion of the currently
executing instruction to generate an interrupt. If enabled, a level triggered interrupt will generate an interrupt
request as long as the pin is held low.
Note:
1. n = 7, 6, 5 or 4.
When changing the ISCn1/ISCn0 bits, the interrupt must be disabled by clearing its Interrupt Enable bit in the
EIMSK Register. Otherwise an interrupt can occur when the bits are changed.
15.2.3
EIMSK – External Interrupt Mask Register
• Bits 7:0 – INT7:0: External Interrupt Request 7 - 0 Enable
When an INT7:0 bit is written to one and the I-bit in the Status Register (SREG) is set (one), the corresponding
external pin interrupt is enabled. The Interrupt Sense Control bits in the External Interrupt Control Registers –
EICRA and EICRB – defines whether the external interrupt is activated on rising or falling edge or level sensed.
Activity on any of these pins will trigger an interrupt request even if the pin is enabled as an output. This provides a
way of generating a software interrupt.
Bit
7
6
543210
(0x6A)
ISC71
ISC70
ISC61
ISC60
ISC51
ISC50
ISC41
ISC40
EICRB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
000000
Table 15-3.
Interrupt Sense Control(1)
ISCn1
ISCn0
Description
0
0
The low level of INTn generates an interrupt request
0
1
Any logical change on INTn generates an interrupt request
1
0
The falling edge between two samples of INTn generates an interrupt request
1
1
The rising edge between two samples of INTn generates an interrupt request
Bit
7
65
43
21
0
0x1D (0x3D)
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
EIMSK
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com