Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 10Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 11Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 12Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 13Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 14Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 15Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 16Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 17Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
EOnCE 56800EX CPU
Program Bus
Core Data Bus
Secondary Data Bus
Program/Data Flash
Up to 128 KB
Data/Program RAM
Up to 20 KB
Interrupt Controller
QSCI
0,1
QSPI
LPI2C
0,1
Quad Timer
4ch
eFlexPWM
NanoEdge
ADCA
12Bit
ADCB
12Bit
Compartors With
8bit DAC A,B,C,D
Watchdog (COP)
EWM
CRC
DAC
12Bit
Event
Generator
Inter-Module
Crossbar
Inter Module connection
GPIO & Peripheral MUX
Crystal OSC
Internal IRC
2 MHz/ 8 MHz
Internal IRC
200 kHz
PLL
Power Management
Controller (PMC)
System Integration
Module (SIM)
Package
Pins
Peripheral Bus
Peripheral Bus
4
JTAG
Inter Module Crossbar Inputs
Inter Module Crossbar Outputs
Program
Controller
(PC)
Address
Generation
Unit (AGU)
Arithmetic
Logic Unit
(ALU)
Bit
Manipulation
Unit
Inter Module Crossbar Outputs
Inter Module Crossbar Inputs
M0
M1
M2
S0
S1
S2
S3
Op-Amp
0.1
Boot ROM
32 KB
eDMA Controller
M3
Periodic Interrupt
Timer (PIT32) 0,1
Quadrature
Decoder
ROM Patch
Controller
Figure 1. System block diagram
Clock sources
MC56F81xxx, Rev. 1.1, 12/2020
14
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com