Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 2Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 3Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 4Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 5Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 6Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 7Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 8Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 9Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
• Dedicated time-base counter with period and frequency control per submodule
• Independent top and bottom deadtime insertion for each complementary pair
• Independent control of both edges of each PWM output
• Enhanced input capture and output compare functionality on each input:
• Channels not used for PWM generation can be used for buffered output compare
functions.
• Channels not used for PWM generation can be used for input capture functions.
• Enhanced dual edge capture functionality
• Synchronization of submodule to external hardware (or other PWM) is supported.
• Double-buffered PWM registers
• Integral reload rates from 1 to 16
• Half-cycle reload capability
• Multiple output trigger events can be generated per PWM cycle via hardware.
• Support for double-switching PWM outputs
• Up to eight fault inputs can be assigned to control multiple PWM outputs
• Programmable filters for fault inputs
• Independently programmable PWM output polarity
• Individual software control of each PWM output
• All outputs can be programmed to change simultaneously via a FORCE_OUT event.
• PWMX pin can optionally output a third PWM signal from each submodule
• Option to supply the source for each complementary PWM signal pair from any of
the following:
• Crossbar module outputs
• External ADC input, taking into account values set in ADC high and low limit
registers
• 312 ps resolution can be enabled for period, duty and deadtime related registers
• Direct phase shift controls among each submodule
• Trigger signal can share the same load frequency as reload signal in each submodule
1.5.2 12-bit Analog-to-Digital Converter (Cyclic type)
• Two independent 12-bit analog-to-digital converters (ADCs):
• 2 x 8-channel external inputs
• Built-in x1, x2, x4 programmable gain pre-amplifier
• Maximum ADC clock frequency up to 12.5 MHz, having period as low as 80 ns
• Single conversion time of 10 ADC clock cycles
• Additional conversion time of 8 ADC clock cycles
• Support of analog inputs for single-ended and differential (including unipolar
differential) conversions
• Sequential and parallel scan modes. Parallel mode includes simultaneous and
independent scan modes.
Peripheral highlights
MC56F81xxx, Rev. 1.1, 12/2020
6
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com