Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 23Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 24Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 25Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 26Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 27Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 28Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 29Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 30Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
64
LQFP
48
LQFP
32
LQFP
Pin Name
Default
ALT0
ALT1
ALT2
ALT3
14
10
7
GPIOA1
GPIOA1
ANA1+CMPA_
IN0+OPAMPA_IN0
15
11
8
GPIOA2
GPIOA2
ANA2+VREFHA+CMPA_
IN1+OPAMPA_IN1
16
12
—
GPIOA3
GPIOA3
ANA3+VREFLA+CMPA_
IN2+OPAMPA_IN2
17
—
—
GPIOB7
GPIOB7
ANB7+CMPB_
IN2+OPAMPB_IN2
18
13
—
GPIOC5
GPIOC5
DACA_O
XB_IN7
19
—
—
GPIOB6
GPIOB6
ANB6+CMPB_
IN1+OPAMPB_IN1
20
—
—
GPIOB5
GPIOB5
ANB5+CMPC_IN2
21
14
—
GPIOB4
GPIOB4
ANB4+CMPC_IN1
22
15
9
VDDA
VDDA
23
16
10
VSSA
VSSA
24
17
11
GPIOB0
GPIOB0
ANB0+CMPB_
IN3+OPAMPB_IN3
25
18
12
GPIOB1
GPIOB1
ANB1+CMPB_
IN0+OPAMPB_IN0
26
19
—
VCAP
VCAP
27
20
13
GPIOB2
GPIOB2
ANB2+VREFHB+CMPC_
IN3
28
21
—
GPIOB3
GPIOB3
ANB3+VREFLB+CMPC_
IN0
29
—
—
VDD
VDD
30
22
14
VSS
VSS
31
23
15
GPIOC6
GPIOC6
TA2
XB_IN3
CMP_REF
SS0_B
32
24
—
GPIOC7
GPIOC7
SS0_B
TXD0
XB_IN8
XB_OUT6
33
25
16
GPIOC8
GPIOC8
MISO0
RXD0
XB_IN9
34
26
17
GPIOC9
GPIOC9
SCLK0
XB_IN4
TXD0
XB_OUT8
35
27
18
GPIOC10
GPIOC10
MOSI0
XB_IN5
MISO0
XB_OUT9
36
28
—
GPIOF0
GPIOF0
XB_IN6
OPAMPB_OUT
37
29
—
GPIOC11
GPIOC11
LP_SCLS0
LP_SCL1
TXD1
PWMA_0X
38
30
—
GPIOC12
GPIOC12
LP_SDAS0
LP_SDA1
RXD1
PWMA_1X
39
—
19
GPIOF2
GPIOF2
LP_SCL1
XB_OUT6
LP_SDA0
40
—
20
GPIOF3
GPIOF3
LP_SDA1
XB_OUT7
LP_SCL0
41
—
—
GPIOF4
GPIOF4
TXD1
XB_OUT8
PWMA_0X
PWMA_FAULT6
42
—
—
GPIOF5
GPIOF5
RXD1
XB_OUT9
PWMA_1X
PWMA_FAULT7
43
31
—
VSS
VSS
44
32
—
VDD
VDD
45
33
21
GPIOE0
GPIOE0
PWMA_0B
XB_OUT4
46
34
22
GPIOE1
GPIOE1
PWMA_0A
XB_OUT5
47
35
23
GPIOE2
GPIOE2
PWMA_1B
XB_OUT6
48
36
24
GPIOE3
GPIOE3
PWMA_1A
XB_OUT7
Pinout
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com