Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 38Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 39Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 40Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 41Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 42Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 43Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 44Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 45Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
Table 7. Voltage and current operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
• Negative current injection
–25
—
mA
1. All I/O pins are internally clamped to VSS through a ESD protection diode. There is no diode connection to VDD. If VIN
greater than VIO_MIN (= VSS-0.3 V) is observed, then there is no need to provide current limiting resistors at the pads. If this
limit cannot be observed then a current limiting resistor is required. The negative DC injection current limiting resistor is
calculated as R = (VIO_MIN - VIN)/|IICIO|.
10.3.2 LVD and POR operating requirements
Table 8. PMC Low-Voltage Detection (LVD) and Power-On Reset (POR) Parameters
Characteristic
Symbol
Min
Typ
Max
Unit
POR Assert Voltage1
POR
2.0
V
POR Release Voltage2
POR
2.7
V
Low-Voltage Warning Interrupt
LVI_2p7
2.73
V
Low-Voltage Alarm Interrupt
LVI_2p2
2.23
V
1. During 3.3-volt VDD power supply ramp down
2. During 3.3-volt VDD power supply ramp up (gated by LVI_2p7)
10.3.3 Voltage and current operating behaviors
Table 9. Voltage and current operating behaviors
Symbol
Description
Min.
Max.
Unit
Notes
VOH
Output high voltage — Normal drive pad (except
RESET)
• 2.7 V ≤ VDD ≤ 3.6 V, IOH = –5 mA
VDD – 0.5
—
V
1
VOH
Output high voltage — High drive pad (except RESET)
• 2.7 V ≤ VDD ≤ 3.6 V, IOH = –20 mA
VDD – 0.5
—
V
2, 1
IOHT
Output high current total for all ports
—
100
mA
—
VOL
Output low voltage — Normal drive pad (except
RESET)
• 2.7 V ≤ VDD ≤ 3.6 V, IOL = 5 mA
—
0.5
V
1
VOL
Output low voltage — High drive pad (except RESET)
• 2.7 V ≤ VDD ≤ 3.6 V, IOL = 20 mA
—
0.5
V
2, 1
IOLT
Output low current total for all ports
—
100
mA
—
IIN
Input leakage current (per pin) for full temperature
range
—
1
μA
3
IIN
Input leakage current (per pin) at 25 °C
—
0.025
μA
3
Table continues on the next page...
General
MC56F81xxx, Rev. 1.1, 12/2020
42
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com