Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 15Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 16Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 17Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 18Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 19Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 20Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 21Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 22Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
Table 2. Signal descriptions (continued)
Signal Name
64
LQFP
48
LQFP
32
LQFP/
QFN
State
During
Reset
Type
Signal Description
GPIOB4
21
14
—
Input
Input/
Output
GPIO Port B4 — After reset, the default state is
GPIOB4.
(ANB4
&
CMPC_IN1)
Input
ANB4 — ADCB input channel 4.
CMPC_IN1 — Analog comparator C input 1.
When used as an analog input, the signal goes to
ANB4 and CMPC_IN1.1
GPIOB5
20
—
—
Input
Input/
Output
GPIO Port B5 — After reset, the default state is
GPIOB5.
(ANB5
&
CMPC_IN2)
Input
ANB5 — ADCB input channel 5.
CMPC_IN2 — Analog comparator C input 2.
When used as an analog input, the signal goes to
ANB5 and CMPC_IN2.1
GPIOB6
19
—
—
Input
Input/
Output
GPIO Port B6 — After reset, the default state is
GPIOB6.
(ANB6
&
CMPB_IN1
&
OPAMPB_IN1)
Input
ANB6 — ADCB input channel 6.
CMPB_IN1 — Analog comparator B input 1.
OPAMPB_IN1 — Operational amplifier B input 1.
When used as an analog input, the signal goes to
ANB6 and CMPB_IN1 and OPAMPB_IN1. 1
GPIOB7
17
—
—
Input
Input/
Output
GPIO Port B7 — After reset, the default state is
GPIOB7.
(ANB7
&
CMPB_IN2
&
OPAMPB_IN2)
Input
ANB7 — ADCB input channel 7.
CMPB_IN2 — Analog comparator B input 2.
OPAMPB_IN2 — Operational amplifier B input 2.
When used as an analog input, the signal goes to
ANB7 and CMPB_IN2 and OPAMPB_IN2.1
GPIOC0
3
3
—
Input
Input/
Output
GPIO Port C0 — After reset, the default state is
GPIOC0.
(EXTAL)
Input
External crystal oscillator input (EXTAL) connects the
internal crystal oscillator input to an external crystal or
ceramic resonator.
(CLKIN0)
Input
External clock input 0 to OCCS.
NOTE: If this pin is selected as the device’s external
clock input, then both SIM_GPSCL[C0] bit in
SIM and OSCTL1[EXT_SEL] bit in OCCS
must be set. The crystal oscillator should be
powered down.
GPIOC1
4
4
—
Input
Input/
Output
GPIO Port C1 — After reset, the default state is
GPIOC1.
(XTAL)
Output
External crystal oscillator output (XTAL) connects the
internal crystal oscillator output to an external crystal or
ceramic resonator.
Table continues on the next page...
MC56F81xxx signal and pin descriptions
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com