Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 56Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 57Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 58Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 59Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 60Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 61Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 62Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 63Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
Table 31. Comparator and 8-bit DAC electrical specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
IDAC8b
8-bit DAC current adder (enabled)
—
7
—
μA
Vreference
8-bit DAC reference inputs, Vin1 and Vin2
There are two reference input options selectable (via
VRSEL control bit). The reference options must fall
within this range.
—
VDD
—
V
INL
8-bit DAC integral non-linearity
–1
—
1
LSB5
DNL
8-bit DAC differential non-linearity
–1
—
1
LSB
1. Measured with input voltage range limited to 0.7≤Vin≤VDD-0.8
2. Measured with input voltage range limited to 0 to VDD
3. Input voltage range: 0.1VDD≤Vin≤0.9VDD, step = ±100mV, across all temperature. Does not include PCB and PAD delay.
4. Comparator initialization delay is defined as the time between software writes to change control inputs (Writes to DACEN,
VRSEL, PSEL, MSEL, VOSEL) and the comparator output settling to a stable level.
5. 1 LSB = Vreference/256
000.00E+00
50.00E-03
100.00E-03
150.00E-03
200.00E-03
250.00E-03
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1 3.2
Vin Level (V)
0
1
2
3
hystCR
Figure 12. Typical hysteresis vs. Vin level (VDD = 3.3 V, PMODE = 0)
000.00E+00
50.00E-03
100.00E-03
150.00E-03
200.00E-03
250.00E-03
300.00E-03
350.00E-03
400.00E-03
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1 3.2
Vin Level (V)
0
1
2
3
hystCR
Figure 13. Typical hysteresis vs. Vin level (VDD = 3.3 V, PMODE = 1)
System modules
MC56F81xxx, Rev. 1.1, 12/2020
60
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com