Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 18Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 19Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 20Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 21Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 22Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 23Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 24Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 25Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
Table 2. Signal descriptions (continued)
Signal Name
64
LQFP
48
LQFP
32
LQFP/
QFN
State
During
Reset
Type
Signal Description
NOTE: In 4-wire mode, this is the I2C slave SDA
output for voltage level shift.
(LP_SDA1)
Input/
Open-
drain
Output
I2C1 serial data line
NOTE: In 4-wire mode, this is the I2C slave SDA
input.
(RXD1)
Input
SCI1 receive data input
(PWMA_1X)
Output
PWM submodule 1, output X or input capture X.
GPIOC13
49
37
—
Input
Input/
Output
GPIO Port C13 — After reset, the default state is
GPIOC13.
(TA3)
Input/
Output
Quad timer channel 3 input/output.
(XB_IN6)
Input
Crossbar module input 6.
(EWM_OUT_B)
Output
External Watchdog Module output.
GPIOC14
55
41
—
Input
Input/
Output
GPIO Port C14 — After reset, the default state is
GPIOC14.
(LP_SDA0)
Input/
Open-
drain
Output
I2C0 serial data line
NOTE: In 4-wire mode, this is the I2C slave SDA
input.
(XB_OUT4)
Output
Crossbar module output 4.
(PWMA_FAULT4)
Input
PWM Fault input 4 for disabling selected PWM outputs.
GPIOC15
56
42
—
Input
Input/
Output
GPIO Port C15: After reset, the default state is
GPIOC15.
(LP_SCL0)
Input/
Open-
drain
Output
I2C0 serial clock line
NOTE: In 4-wire mode, this is the I2C slave SCL input.
(XB_OUT5)
Output
Crossbar module output 5.
(PWMA_FAULT5)
Input
PWM Fault input 5 for disabling selected PWM outputs.
GPIOE0
45
33
21
Input
Input/
Output
GPIO Port E0 — After reset, the default state is
GPIOE0.
(PWMA_0B)
Input/
Output
PWM submodule 0, high resolution output B or input
capture B.
XB_OUT4
Output
Crossbar module output 4.
GPIOE1
46
34
22
Input
Input/
Output
GPIO Port E1 — After reset, the default state is
GPIOE1.
(PWMA_0A)
Input/
Output
PWM submodule 0, high resolution output A or input
capture A.
(XB_OUT5)
Output
Crossbar module output 5.
GPIOE2
47
35
23
Input
Input/
Output
GPIO Port E2 — After reset, the default state is
GPIOE2.
(PWMA_1B)
Input/
Output
PWM submodule 1, high resolution output B or input
capture B.
Table continues on the next page...
MC56F81xxx signal and pin descriptions
MC56F81xxx, Rev. 1.1, 12/2020
22
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com