Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 58 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 54Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 55Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 56Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 57Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 58Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 59Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 60Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 61Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
11.5.2 12-bit Digital-to-Analog Converter (DAC) parameters
NOTE
RLD = 3 kΩ and CLD = 400 pF, unless otherwise specified.
Table 29. DAC parameters
Parameter
Conditions/Comments
Symbol
Min
Typ
Max
Unit
DC Specifications
Resolution
12
12
12
bits
Settling time1
At output load
RLD = 3 kΩ
CLD = 400 pF
Range of input digital words: 410 to
3891
—
1 (high-
speed
mode)
2 (low-
speed
mode)
µs
Power-up time
Time from release of PWRDWN
signal until DACOUT signal is valid
tDAPU
—
—
11
µs
Accuracy
Integral non-linearity
Range of input digital words:
410 to 3891 ($19A - $F33)
INL
—
+/- 3
+/- 4
LSB
Differential non-linearity
Range of input digital words:
410 to 3891 ($19A - $F33)
DNL
—
+/- 0.5
+/- 1
LSB
Monotonicity
> 6 sigma monotonicity,
< 3.4 ppm non-monotonicity
guaranteed
—
Offset error
Range of input digital words:
410 to 3891 ($19A - $F33)
VOFFSET
—
+/- 25
+ /- 43
mV
Gain error
Range of input digital words: 410 to
3891 ($19A - $F33)
EGAIN
—
+/- 0.5
+/- 1.5
%
DAC Output
Output voltage range
Within 40 mV of either VSSA or VDDA
VOUT
VSSA +
0.04 V
—
VDDA - 0.04
V
V
AC Specifications
Signal-to-noise ratio
SNR
—
80
—
dB
Spurious free dynamic
range
SFDR
—
-72
—
dB
Effective number of bits
ENOB
—
10
—
bits
IDD from VDDA
average IDD of VDDA (IDD varies with
DAC input word)
IDDA
—
3.2
—
mA
1. When DAC output is fed to other internal peripherals, the settling time is much shorter.
11.5.3 OPAMP electrical specifications
System modules
MC56F81xxx, Rev. 1.1, 12/2020
58
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com