Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 6Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 7Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 8Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 9Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 10Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 11Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 12Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 13Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
• Programmable length transmissions (2 bits to 16 bits)
• Programmable transmit and receive shift order (MSB or LSB as first bit transmitted)
1.5.12 Low Power Inter-Integrated Circuit (LPI2C)
The LPI2C supports:
• Standard, Fast, Fast+ and Ultra Fast modes are supported
• High speed mode (HS) in slave mode
• High speed mode (HS) in master mode, if SCL pin implements current source pull-
up (device-specific)
• Multi-master support, including synchronization and arbitration. Multi-master means
any number of master nodes can be present. Additionally, master and slave roles may
be changed between messages (after a STOP is sent).
• Clock stretching: Sometimes multiple I2C nodes may be driving the lines at the same
time. If any I2C node is driving a line low, then that line will be low. I2C nodes that
are starting to transmit a logical one (by letting the line float high) can detect that the
line is low, and thereby know that another I2C node is active at the same time.
• When node detection is used on the SCL line, it is called clock stretching, and
clock stretching is used as a I2C flow control mechanism for multiple laves.
• When node detection is used on the SDA line, it is called arbitration, and
arbitration ensures that there is only one I2C node transmitter at a time.
• General call, 7-bit and 10-bit addressing
• Software reset, START byte and Device ID (also require software support)
The LPI2C master supports:
• Command/transmit FIFO of 4words.
• Receive FIFO of 4words.
• Command FIFO will wait for idle I2C bus before initiating transfer
• Command FIFO can initiate (repeated) START and STOP conditions and one or
more master-receiver transfers
• STOP condition can be generated from command FIFO, or generated automatically
when the transmit FIFO is empty
• Host request input to control the start time of an I2C bus transfer
• Flexible receive data match can generate interrupt on data match and/or discard
unwanted data
• Flag and optional interrupt to signal Repeated START condition, STOP condition,
loss of arbitration, unexpected NACK, and command word errors
• Supports configurable bus idle timeout and pin-stuck-low timeout
The LPI2C slave supports:
Peripheral highlights
MC56F81xxx, Rev. 1.1, 12/2020
10
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com