Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 67 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 63Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 64Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 65Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 66Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 67Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 68Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 69Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 70Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
RXDPW
RXD
SCI receive
data pin
(Input)
Figure 20. RXD pulse width
TXDPW
TXD
SCI transmit
data pin
(output)
Figure 21. TXD pulse width
11.7.3 LPI2C
Table 37. LPI2C specifications
Symbol
Description
Min.
Max.
Unit
Notes
fSCL
SCL clock frequency
Standard mode (Sm)
0
100
kHz
1, 2, 3
Fast mode (Fm)
0
400
Fast mode Plus (Fm+)
0
1000
Ultra Fast mode (UFm)
0
5000
High speed mode (Hs-mode)
0
3400
1. Hs-mode is only supported in slave mode.
2. The maximum SCL clock frequency in Fast mode with maximum bus loading (400pF) can only be achieved with
appropriate pull-up devices on the bus when using the high or normal drive pins across the full voltage range . The
maximum SCL clock frequency in Fast mode Plus can support maximum bus loading (400pF) with appropriate pull-up
devices when using the high drive pins. The maximum SCL clock frequency in Ultra Fast mode can support maximum bus
loading (400pF) when using the high drive pins. The maximum SCL clock frequency for slave in High speed mode can
support maximum bus loading (400pF) with appropriate pull-up devices when using the high drive pins. For more
information on the required pull-up devices, see I2C Bus Specification.
3. See the section "General switching specifications".
Design Considerations
12.1 Thermal design considerations
An estimate of the chip junction temperature (TJ) can be obtained from the equation:
TJ = TA + (RΘJA × PD)
where
TA = Ambient temperature for the package (°C)
RΘJA = Junction-to-ambient thermal resistance (°C/W)
12
Design Considerations
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com