Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 65Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 66Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 67Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 68Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 69Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 70Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 71Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 72Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 73Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
difference between VDD and VDDA must be limited to below 0.3 V at all times, to avoid
permanent damage to the part (See the table in "Voltage and current operating ratings"
section). Also see the table in "Voltage and current operating requirements" section.
12.3.2 Heavy capacitive load on power supply output:
In some applications, the low cost DC/DC converter may not regulate the output voltage
well before it reaches the regulation point, which is roughly around 2.5V to 2.7V.
However, the device might exit power-on reset at around 2.3V. If the initialization code
enables the PLL to run the DSC at full speed right after reset, then the high current will
be pulled by DSC from the supply, which can cause the supply voltage to drop below the
operation voltage; see the captured graph (Figure 22). This can cause the DSC fail to start
up.
Figure 22. Supply Voltage Drop
A recommended initialization sequence during power-up is:
1. After POR is released, run a few hundred NOP instructions from the internal
relaxation oscillator; this gives time for the supply voltage to stabilize.
2. Configure the peripherals (except the ADC) to the desired settings; the ADC should
stay in low power mode.
3. Power up the PLL.
4. After the PLL locks, switch the clock from PLL prescale to postscale.
5. Configure the ADC.
13 Obtaining package dimensions
Package dimensions are provided in package drawings.
Obtaining package dimensions
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com