Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 64Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 65Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 66Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 67Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 68Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 69Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 70Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 71Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
PD = Power dissipation in the package (W).
The junction-to-ambient thermal resistance is an industry-standard value that provides a
quick and easy estimation of thermal performance. Unfortunately, there are two values in
common usage: the value determined on a single-layer board and the value obtained on a
board with two planes. For packages such as the PBGA, these values can be different by
a factor of two. Which TJ value is closer to the application depends on the power
dissipated by other components on the board.
• The TJ value obtained on a single layer board is appropriate for a tightly packed
printed circuit board.
• The TJ value obtained on a board with the internal planes is usually appropriate if the
board has low-power dissipation and if the components are well separated.
When a heat sink is used, the thermal resistance is expressed as the sum of a junction-to-
case thermal resistance and a case-to-ambient thermal resistance:
RΘJA = RΘJC + RΘCA
where
RΘJA = Package junction-to-ambient thermal resistance (°C/W)
RΘJC = Package junction-to-case thermal resistance (°C/W)
RΘCA = Package case-to-ambient thermal resistance (°C/W).
RΘJC is device related and cannot be adjusted. You control the thermal environment to
change the case to ambient thermal resistance, RΘCA. For instance, you can change the
size of the heat sink, the air flow around the device, the interface material, the mounting
arrangement on printed circuit board, or change the thermal dissipation on the printed
circuit board surrounding the device.
To determine the junction temperature of the device in the application when heat
sinks are not used, the thermal characterization parameter (
ΨJT) can be used to
determine the junction temperature with a measurement of the temperature at the top
center of the package case using the following equation:
TJ = TT + (ΨJT × PD)
where
TT = Thermocouple temperature on top of package (°C/W)
ΨJT = hermal characterization parameter (°C/W)
PD = Power dissipation in package (W).
Design Considerations
MC56F81xxx, Rev. 1.1, 12/2020
68
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com