Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 21Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 22Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 23Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 24Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 25Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 26Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 27Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 28Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
Table 2. Signal descriptions (continued)
Signal Name
64
LQFP
48
LQFP
32
LQFP/
QFN
State
During
Reset
Type
Signal Description
GPIOF6
58
—
—
Input
Input/
Output
GPIO Port F6 — After reset, the default state is
GPIOF6.
(PWMA_3X)
Input/
Output
PWM submodule 3, output X or input capture X.
LP_SCLS1
Output
I2C1 secondary serial clock line.
NOTE: In 4-wire mode, this is the I2C slave SCL
output for voltage level shift.
(XB_IN2)
Input
Crossbar module input 2.
GPIOF7
59
—
—
Input
Input/
Output
GPIO Port F7 — After reset, the default state is
GPIOF7.
(CMPC_O)
Output
Analog comparator C output.
LP_SDAS1
Output
I2C1 secondary serial data line.
NOTE: In 4-wire mode, this is the I2C slave SDA
output for voltage level shift.
(XB_IN3)
Input
Crossbar module input 3.
GPIOF8
6
—
—
Input
Input/
Output
GPIO Port F8 — After reset, the default state is
GPIOF8.
(RXD0)
Input
SCI0 receive data input.
(XB_OUT10)
Output
Crossbar module output 10.
(CMPD_O)
Output
Analog comparator D output.
(PWMA_2X)
Output
PWM submodule 2, output X or input capture X.
1. The glitch on this pin during ADC sampling may interfere with other analog inputs shared on this pin.
3 Signal groups
The input and output signals of the MC56F81xxx are organized into functional groups, as
detailed in the following table.
Table 3. Functional Group Pin Allocations
Functional Group
Number of Pins
32LQFP
48LQFP
64LQFP
Power Inputs (VDD, VDDA), Power output( VCAP)
3
5
6
Ground (VSS, VSSA)
3
4
4
Reset
1
1
1
eFlexPWM outputs high resolution PWM
6
6
8
eFlexPWM outputs without high resolution PWM
0
2
6
Queued Serial Peripheral Interface (QSPI0) ports
4
5
5
Queued Serial Communications Interface (QSCI0 and QSCI11) ports
4
7
10
Table continues on the next page...
Signal groups
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com