Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 22Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 23Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 24Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 25Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 26Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 27Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 28Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 29Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
Table 3. Functional Group Pin Allocations
(continued)
Functional Group
Number of Pins
32LQFP
48LQFP
64LQFP
Inter-Integrated Circuit Interface (LPI2C0 and LPI2C1 ) ports
42
63
10
12-bit Analog-to-Digital Converter (ADC) inputs
6
10
16
Analog Comparator inputs/outputs
7/3
11/4
17/6
Analog Operational Amplifier inputs/outputs
5/1
6/2
8/2
12-bit Digital-to-Analog output
0
1
1
Quad Timer Module (TMR) ports
3
4
4
Inter-Module Crossbar inputs/outputs
8/11
13/12
17/19
Clock inputs/outputs
1/1
2/2
2/2
JTAG / Enhanced On-Chip Emulation (EOnCE)
4
4
4
1. Not available in 32-pin package.
2. 4-wire mode does not support.
3. Only LPI2C0 supports 4-wire mode.
4 Pinout
4.1 Signal Multiplexing and Pin Assignments
The following table shows the signals available on each pin and the locations of these
pins on the devices supported by this document. The Port Control Module is responsible
for selecting which ALT functionality is available on each pin.
64
LQFP
48
LQFP
32
LQFP
Pin Name
Default
ALT0
ALT1
ALT2
ALT3
1
1
1
TCK
TCK
GPIOD2
2
2
2
RESET_B
RESET_B
GPIOD4
3
3
—
GPIOC0
GPIOC0
EXTAL
CLKIN0
4
4
—
GPIOC1
GPIOC1
XTAL
5
5
3
GPIOC2
GPIOC2
TXD0
XB_OUT11
XB_IN2
CLKO0
6
—
—
GPIOF8
GPIOF8
RXD0
XB_OUT10
CMPD_O
PWMA_2X
7
6
4
GPIOC3
GPIOC3
TA0
CMPA_O
RXD0
CLKIN1
8
7
5
GPIOC4
GPIOC4
TA1
CMPB_O
XB_IN8
OPAMPA_OUT
9
—
—
GPIOA7
GPIOA7
ANA7+CMPD_IN3
10
—
—
GPIOA6
GPIOA6
ANA6+CMPD_IN2
11
—
—
GPIOA5
GPIOA5
ANA5+CMPD_IN1
12
8
—
GPIOA4
GPIOA4
ANA4+CMPD_IN0
13
9
6
GPIOA0
GPIOA0
ANA0+CMPA_
IN3+OPAMPA_IN3
CMPC_O
Pinout
MC56F81xxx, Rev. 1.1, 12/2020
26
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com