Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 59Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 60Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 61Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 62Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 63Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 64Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 65Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 66Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
Table 35. SPI timing (continued)
Characteristic
Symbol
Min
Max
Unit
See Figure
Master
Slave
60
—
ns
Figure 17
Figure 18
Figure 19
Enable lead time
Master
Slave
tELD
—
20
—
—
ns
ns
Figure 19
Enable lag time
Master
Slave
tELG
—
20
—
—
ns
ns
Figure 19
Clock (SCK) high time
Master
Slave
tCH
—
—
ns
ns
Figure 16
Figure 17
Figure 18
Figure 19
Clock (SCK) low time
Master
Slave
tCL
28
28
—
—
ns
ns
Figure 19
Data set-up time required for inputs
Master
Slave
tDS
20
1
—
—
ns
ns
Figure 16
Figure 17
Figure 18
Figure 19
Data hold time required for inputs
Master
Slave
tDH
1
3
—
—
ns
ns
Figure 16
Figure 17
Figure 18
Figure 19
Access time (time to data active
from high-impedance state)
Slave
tA
5
—
ns
Figure 19
Disable time (hold time to high-
impedance state)
Slave
tD
5
—
ns
Figure 19
Data valid for outputs
Master
Slave (after enable edge)
tDV
—
—
ns
ns
Figure 16
Figure 17
Figure 18
Figure 19
Data invalid
Master
Slave
tDI
0
0
—
—
ns
ns
Figure 16
Figure 17
Figure 18
Figure 19
Rise time
tR
Figure 16
Table continues on the next page...
PWMs and timers
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com