Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 48Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 49Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 50Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 51Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 52Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 53Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 54Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 55Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
11.3.4 RC Oscillator Timing
Table 23. RC Oscillator Electrical Specifications
Characteristic
Symbol
Min
Typ
Max
Unit
8 MHz Output Frequency1
Run Mode
0°C to 105°C
7.84
8
8.16
MHz
-40°C to 105°C
7.76
8
8.24
MHz
-40°C to 125°C
7.76
8
8.24
MHz
2M Mode (IRC trimmed @
8 MHz)
-40°C to 105°C
1.9
2.0
2.1
MHz
-40°C to 125°C
1.9
2.0
2.1
MHz
8 MHz Frequency Variation over 25°C
RUN Mode
0°C to 105°C
±1.5
±2
%
-40°C to 105°C
±1.5
±3
%
-40°C to 125°C
±1.5
-3 to +3
%
200 kHz Output Frequency2
RUN Mode
-40°C to 105°C
194
200
206
kHz
-40°C to 125°C
192
200
208
kHz
200 kHz Output Frequency Variation over 25°C
RUN Mode
0°C to 85°C
±1.5
±2
%
-40°C to 105°C
±1.5
±3
%
-40°C to 125°C
±1.5
±4
%
Stabilization Time
8 MHz output3
tstab
1
-
15
µs
200 kHz output3
-
125
375
µs
Output Duty Cycle
45
50
55
%
1. Frequency after factory trim
2. Frequency after factory trim
3. Power down to run mode transition
System modules
MC56F81xxx, Rev. 1.1, 12/2020
52
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com