Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 8Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 9Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 10Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 11Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 12Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 13Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 14Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 15Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
1.5.15 Power supervisor
• Power-on reset (POR) is released after VDD > 2.7 V during supply is ramped up;
CPU, peripherals, and JTAG/EOnCE controllers exit RESET state
• Brownout reset (VDD < 2.0 V)
• Critical warn low-voltage interrupt (LVI 2.2 V)
• Peripheral low-voltage warning interrupt (LVI 2.7 V)
1.5.16 Phase-locked loop
• Output frequency range is optimized from 200 MHz to 550 MHz
• Input reference clock frequency: 8 MHz to 16 MHz
• Detection of loss of lock and loss of reference clock
• Ability to power down
Clock sources
1.5.17.1 On-chip oscillators
• Tunable 8 MHz RC oscillator with 2 MHz at standby mode
• 200 kHz low frequency clock as secondary clock source for COP, EWM, PIT
1.5.17.2 Crystal oscillator
• Support for both high ESR crystal oscillator (ESR greater than 100 Ω) and ceramic
resonator
• Operating frequency: 4–16 MHz
1.5.18 Cyclic Redundancy Check (CRC) generator
• Hardware 16/32-bit CRC generator
• High-speed hardware CRC calculation
• Programmable initial seed value
• Programmable 16/32-bit polynomial
• Error detection for all single, double, odd, and most multi-bit errors
• Option to transpose input data or output data (CRC result) bitwise or bytewise,1
which is required for certain CRC standards
• Option for inversion of final CRC result
1.5.17
1. A bytewise transposition is not possible when accessing the CRC data register via 8-bit accesses. In this case, user
software must perform the bytewise transposition.
Clock sources
MC56F81xxx, Rev. 1.1, 12/2020
12
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com