Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 5Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 6Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 7Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 8Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 9Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 10Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 11Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 12Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
• Write-once protection for all registers
• The EVTG module mainly includes two parts: Two AND/OR/INVERT (known
simply as the AOI) modules and one configurable Flip-Flop. It supports the
generation of a configurable number of EVENT signals. The inputs are from crossbar
(XBAR) outputs, and the outputs feed to XBAR inputs.
1.5.9 Quad Timer
• Four 16-bit up/down counters, with a programmable prescaler for each counter
• Operation modes: edge count, gated count, signed count, capture, compare, PWM,
signal shot, single pulse, pulse string, cascaded, quadrature decode
• Programmable input filter
• Counting start can be synchronized across counters
1.5.10 Queued Serial Communications Interface (QSCI) modules with
LIN Slave Functionality
• Operating clock can be up to two times the CPU operating frequency
• Four-word-deep FIFOs available on both transmit and receive buffers
• Standard mark/space non-return-to-zero (NRZ) format
• 16-bit integer and 3-bit fractional baud rate selection
• Full-duplex or single-wire operation
• Programmable 8-bit or 9-bit data format
• Error detection capability
• Two receiver wakeup methods:
• Idle line
• Address mark
• 1/16 bit-time noise detection
• Support for Local Interconnect Network (LIN) slave operation
1.5.11 Queued Serial Peripheral Interface (QSPI) modules
• Maximum 25 Mbit/s baud rate
• Selectable baud rate clock sources for low baud rate communication
• Baud rate as low as the maximum Baud rate / 4096
• Full-duplex operation
• Master and slave modes
• Double-buffered operation with separate transmit and receive registers
• Four-word-deep FIFOs available on transmit and receive buffers
Peripheral highlights
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com