Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 55 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 51Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 52Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 53Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 54Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 55Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 56Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 57Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 58Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
Table 27. NVM reliability specifications (continued)
Symbol
Description
Min.
Typ.1
Max.
Unit
Notes
nnvmcycp Cycling endurance
10 K
50 K
—
cycles
2
nnvmcycp Cycling endurance
1 K
—
—
cycles
3
1. Typical data retention values are based on measured response accelerated at high temperature and derated to a constant
25 °C use profile. Engineering Bulletin EB618 does not apply to this technology. Typical endurance defined in Engineering
Bulletin EB619.
2. Cycling endurance represents number of program/erase cycles at –40 °C ≤ Tj ≤ 125 °C.
3. Cycling endurance represents number of program/erase cycles at –40 °C ≤ Tj ≤ 135 °C. If the product application is
exposed to Tj > 125 °C, the reduced W/E spec applies independent of the number of W/E cycles in the high Tj band.
11.5 Analog
11.5.1 12-bit Cyclic Analog-to-Digital Converter (ADC) Parameters
Table 28. 12-bit ADC Electrical Specifications
Characteristic
Symbol
Min
Typ
Max
Unit
Recommended Operating Conditions
Supply Voltage1
VDDA
3
3.3
3.6
V
VREFH (in external reference mode)
Vrefhx
VDDA-0.6
VDDA
V
ADC Conversion Clock2
fADCCLK
0.1
12.5
MHz
Conversion Range3
Fully Differential
Single Ended/Unipolar
RAD
– (VREFH – VREFL)
VREFL
VREFH – VREFL
VREFH
V
Input Voltage Range (per input)4
External Reference
Internal Reference
VADIN
VREFL
0
VREFH
VDDA
V
Timing and Power
Conversion Time5
tADC
8
ADC Clock
Cycles
ADC Power-Up Time (from adc_pdn)
tADPU
13
ADC Clock
Cycles
ADC RUN Current (per ADC block)
IADRUN
2.5
mA
ADC Powerdown Current (adc_pdn
enabled)
IADPWRDWN
0.1
µA
VREFH Current (in external mode)
IVREFH
190
225
µA
Accuracy (DC or Absolute)
Integral non-Linearity6
INL
+/- 1.5
+/- 2.2
LSB7
Differential non-Linearity6
DNL
+/- 0.5
+/- 0.8
LSB7
Monotonicity
GUARANTEED
Offset8
VOFFSET
mV
Table continues on the next page...
System modules
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com