Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 66 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 62Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 63Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 64Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 65Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 66Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 67Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 68Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 69Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
SCLK (CPOL = 0)
(Input)
SCLK (CPOL = 1)
(Input)
MISO
(Output)
MOSI
(Input)
Slave MSB out
Bits 14–1
tC
tCL
tCL
tCH
tDI
MSB in
Bits 14–1
LSB in
SS
(Input)
tCH
tDH
tF
tR
Slave LSB out
tD
tA
tELD
tDV
tF
tR
tELG
tDV
tDS
Figure 19. SPI slave timing (CPHA = 1)
11.7.2 Queued Serial Communication Interface (SCI) timing
Parameters listed are guaranteed by design.
Table 36. SCI timing
Characteristic
Symbol
Min
Max
Unit
See Figure
Baud rate1
BR
—
(fMAX/16)
Mbit/s
—
RXD pulse width
RXDPW
0.965/BR
1.04/BR
μs
Figure 20
TXD pulse width
TXDPW
0.965/BR
1.04/BR
μs
Figure 21
LIN Slave Mode
Deviation of slave node clock from nominal
clock rate before synchronization
FTOL_UNSYNCH
-14
14
%
—
Deviation of slave node clock relative to
the master node clock after
synchronization
FTOL_SYNCH
-2
2
%
—
Minimum break character length
TBREAK
13
—
Master
node bit
periods
—
11
—
Slave node
bit periods
—
1. fMAX is the frequency of operation of the SCI clock in MHz, which can be selected as the bus clock (max.50 MHz
depending on part number) or 2x bus clock (max. 100 MHz) for the devices.
PWMs and timers
MC56F81xxx, Rev. 1.1, 12/2020
66
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com