Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 52Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 53Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 54Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 55Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 56Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 57Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 58Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 59Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
Table 28. 12-bit ADC Electrical Specifications (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Fully Differential
Single Ended/Unipolar
+/- 8
+/- 12
Gain Error
EGAIN
0.996 to
1.004
0.990 to 1.010
AC Specifications9
Signal to Noise Ratio
SNR
66
dB
Total Harmonic Distortion
THD
75
dB
Spurious Free Dynamic Range
SFDR
77
dB
Signal to Noise plus Distortion
SINAD
66
dB
Effective Number of Bits
Gain = 1x (Fully Differential/Unipolar)
Gain = 2x (Fully Differential/Unipolar)
Gain = 4x (Fully Differential/Unipolar)
Gain = 1x (Single Ended)
Gain = 2x (Single Ended)
Gain = 4x (Single Ended)
Variation across channels10
ENOB
—
10.6
—
10.3
10.6
10.4
10.2
0.1
bits
ADC Inputs
Input Leakage Current
IIN
1
nA
Temperature sensor slope
TSLOPE
1.3
mV/°C
Temperature sensor voltage at 25 °C
VTEMP25
0.82
V
Disturbance
Input Injection Current 11
IINJ
+/-3
mA
Channel to Channel Crosstalk12
ISOXTLK
-82
dB
Memory Crosstalk13
MEMXTLK
-71
dB
Input Capacitance
Sampling Capacitor
CADI
4.8
pF
1. The ADC functions up to VDDA = 2.7 V. When VDDA is below 3.0 V, ADC specifications are not guaranteed
2. ADC clock duty cycle is 45% ~ 55%
3. Conversion range is defined for x1 gain setting. For x2 and x4 the range is 1/2 and 1/4, respectively.
4. In unipolar mode, positive input must be ensured to be always greater than negative input.
5. First conversion takes 10 clock cycles.
6. INL/DNL is measured from VIN = VREFL to VIN = VREFH using Histogram method at x1 gain setting
7. Least Significant Bit = 0.806 mV at 3.3 V VDDA, x1 gain Setting
8. Offset measured at 2048 code
9. Measured converting a 1 kHz input full scale sine wave
10. When code runs from internal RAM
11. The current that can be injected into or sourced from an unselected ADC input without affecting the performance of the
ADC
12. Any off-channel with 50 kHz full-scale input to the channel being sampled with DC input (isolation crosstalk)
13. From a previously sampled channel with 50 kHz full-scale input to the channel being sampled with DC input (memory
crosstalk).
System modules
MC56F81xxx, Rev. 1.1, 12/2020
56
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com