Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 69 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 65Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 66Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 67Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 68Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 69Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 70Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 71Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 72Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 73Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
The thermal characterization parameter is measured per JESD51–2 specification using a
40-gauge type T thermocouple epoxied to the top center of the package case. The
thermocouple should be positioned so that the thermocouple junction rests on the
package. A small amount of epoxy is placed over the thermocouple junction and over
about 1 mm of wire extending from the junction. The thermocouple wire is placed flat
against the package case to avoid measurement errors caused by cooling effects of the
thermocouple wire.
To determine the junction temperature of the device in the application when heat
sinks are used, the junction temperature is determined from a thermocouple inserted at
the interface between the case of the package and the interface material. A clearance slot
or hole is normally required in the heat sink. Minimizing the size of the clearance is
important to minimize the change in thermal performance caused by removing part of the
thermal interface to the heat sink. Because of the experimental difficulties with this
technique, many engineers measure the heat sink temperature and then back-calculate the
case temperature using a separate measurement of the thermal resistance of the interface.
From this case temperature, the junction temperature is determined from the junction-to-
case thermal resistance.
12.2 Electrical design considerations
CAUTION
This device contains protective circuitry to guard against
damage due to high static voltage or electrical fields. However,
take normal precautions to avoid application of any voltages
higher than maximum-rated voltages to this high-impedance
circuit. Reliability of operation is enhanced if unused inputs are
tied to an appropriate voltage level.
Use the following list of considerations to assure correct operation of the device:
• Provide a low-impedance path from the board power supply to each VDD pin on the
device and from the board ground to each VSS (GND) pin.
• The minimum bypass requirement is to place 0.01–0.1 µF capacitors positioned as
near as possible to the package supply pins. The recommended bypass configuration
is to place one bypass capacitor on each of the VDD/VSS pairs, including VDDA/VSSA.
Ceramic and tantalum capacitors tend to provide better tolerances.
• Ensure that capacitor leads and associated printed circuit traces that connect to the
chip VDD and VSS (GND) pins are as short as possible.
• Bypass the VDD and VSS with approximately 100 µF, plus the number of 0.1 µF
ceramic capacitors.
• PCB trace lengths should be minimal for high-frequency signals.
Design Considerations
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com