Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 29Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 30Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 31Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 32Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 33Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 34Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 35Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 36Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
Field
Description
Values
Q
Qualification status
• MC = Fully qualified, general market flow
• PC = Prequalification
56F8
DSC family with flash memory and DSP56800/
DSP56800E/DSP56800EX core
• 56F8
1
DSC subfamily
• 1
C
Maximum CPU frequency (MHz)
• 6 = 100 MHz
• 7 = 100 MHz
F
Primary program flash memory size
• 4 = 64 KB
• 6 = 128 KB
P
Pin count
• 3 = 32
• 6 = 48
• 8 = 64
T
Temperature range (°C)
• V = –40 to 105
• M = –40 to 125
PP
Package identifier
• LC = 32LQFP
• FM = 32QFN
• LF = 48LQFP
• LH = 64LQFP
N
Packaging type
• R = Tape and reel
• (Blank) = Trays
6.4 Example
This is an example part number: MC56F81768VLH
7 Package marking information
The MC56F81xxx 64LQFP package has the following top-side marking:
• First line: aaaaaaaaaaaaa
• Second line: mmmmm
• Third line: xxxyywwx
The MC56F81xxx 48LQFP package has the following top-side marking:
• First line: aaaaaaaaaaa
• Second line: mmmmm
• Third line: xxywx
The detailed code format for these identifiers is show in the table below.
Identifier
Description
Table continues on the next page...
Package marking information
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com