Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 11Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 12Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 13Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 14Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 15Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 16Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 17Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 18Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
2 MC56F81xxx signal and pin descriptions
After reset, each pin is configured for its primary function (listed first). Any alternative
functionality, shown in parentheses, must be programmed through the GPIO module
peripheral enable registers (GPIOx_PER) and the SIM module GPIO peripheral select
(GPSx) registers. All GPIO ports can be individually programmed as an input or output
(using bit manipulation).
For the MC56F81xxx products, which use 64-pin LQFP, 48-pin LQFP and 32-pin LQFP
packages:
Table 2. Signal descriptions
Signal Name
64
LQFP
48
LQFP
32
LQFP/
QFN
State
During
Reset
Type
Signal Description
VDD
29
—
—
Supply
Supply
I/O Power — Supplies 3.3 V power to the chip I/O
interface.
44
32
—
60
44
28
VSS
30
22
14
Supply
Supply
I/O Ground — Provide ground for the device I/O
interface.
43
31
—
61
45
29
VDDA
22
15
9
Supply
Supply
Analog Power — Supplies 3.3 V power to the analog
modules. It must be connected to a clean analog power
supply.
VSSA
23
16
10
Supply
Supply
Analog Ground — Supplies an analog ground to the
analog modules. It must be connected to a clean power
supply.
VCAP
26
19
—
On-chip
regulator
output
On-chip
regulator
output
Connect a 2.2 µF or greater bypass capacitor between
this pin and VSS to stabilize the core voltage regulator
output required for proper device operation.
NOTE: The total bypass capacitor value between all
VCAP pins and VSS recommends between
4.0uF ~ 5.0uF.
57
43
27
TDI
64
48
32
Input,
internal
pullup
enabled
Input
Test Data Input — Provides a serial input data stream
to the JTAG/EOnCE port. It is sampled on the rising
edge of TCK and has an internal pullup resistor. After
reset, the default state is TDI.
(GPIOD0)
Input/
Output
GPIO Port D0.
TDO
62
46
30
Output
Output
Test Data Output — This tri-state-able pin provides a
serial output data stream from the JTAG/EOnCE port. It
is driven in the shift-IR and shift-DR controller states,
and it changes on the falling edge of TCK. After reset,
the default state is TDO.
(GPIOD1)
Input/
Output
GPIO Port D1.
Table continues on the next page...
MC56F81xxx signal and pin descriptions
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com