Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 3 Page - NXP Semiconductors

  MC56F81663VLC Datasheet HTML 1Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 2Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 3Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 4Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 5Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 6Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 7Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 8Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
Overview
1.1 Product Family
Table 1. MC56F81xxx Family
Feature
MC56F81
768
748
766
746
763
743
668
648
666
646
663
643
Core frequency (MHz)
100 / 50
Flash memory (KB)
128
64
128
64
128
64
128
64
128
64
128
64
RAM (KB)
20
12
20
12
20
12
20
12
20
12
20
12
Boot ROM
Yes (supports SCI, I2C)
Inter Module Xbar
Yes
Event Generator
4
Windowed Watchdog
1
External Watchdog Monitor
1
eDMA
4CH
Internal OSC
8 MHz / 200 KHz
External Crystal Oscillator
Yes (4 MHz ~ 16 MHz)
Comparator + 8bit DAC
4
3
4
3
Operational Amplifier
2
1
2
1
12-bit Cyclic ADC channels
2 x 8-ch
2 x 5-ch
2 x 3-ch
2 x 8-ch
2 x 5-ch
2 x 3-ch
NanoEdge PWM: high-resolution
8-ch
6-ch 1
—
Standard PWM with Input capture
4-ch
2-ch
—
8-ch + 4-ch
6-ch + 2-ch1
6-ch 1
QTimers
4 x 16bit
Quadrature Decoder
1
—
1
—
Periodic Interval Timers
2 x 32bit
12bit DAC
1
—
LPI2C (supports Full PMBus)
2
1
QSCI
2
1
2
1
QSPI
1
—
GPIO
54
39
26
54
39
26
Operating Temperature
-40
℃ to 105℃ (V temperature)
-40
℃ to 125℃ (M temperature)
-40
℃ to 105℃ (V temperature)
Package
64 LQFP
48 LQFP
32
LQFP/QFN 2
64 LQFP
48 LQFP
32
LQFP/QFN 2
1. Only include the PWM channels with output pins. All internal 8 channels PWM are available through the on-chip inter-
module crossbar.
2. The 32 LQFP and 32 QFN packages for this product are not yet available. However, the pin-out and pricing information of
these packages are readily available. These devices are then committed for sampling and production based on customer
demand.
1
Overview
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com