Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 37Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 38Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 39Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 40Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 41Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 42Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 43Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 44Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
Figure 6 shows the definitions of the following signal states:
• Active state, when a bus or signal is driven, and enters a low impedance state
• Tri-stated, when a bus or signal is placed in a high impedance state
• Data Valid state, when a signal level has reached VOL or VOH
• Data Invalid state, when a signal level is in transition between VOL and VOH
Data Invalid State
Data1
Data3 Valid
Data2
Data3
Data1 Valid
Data Active
Data Active
Data2 Valid
Data
Tri-stated
Figure 6. Signal states
10.3 Nonswitching electrical specifications
10.3.1 Voltage and current operating requirements
This section includes information about recommended operating conditions.
Table 7. Voltage and current operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VDD
Supply voltage
2.7
3.3
3.6
V
—
VDDA
Analog supply voltage
2.7
3.3
3.6
V
—
VDD –
VDDA
VDD-to-VDDA differential voltage
–0.1
0.1
V
—
VSS – VSSA VSS-to-VSSA differential voltage
–0.1
0.1
V
—
VIH
Input high voltage
• 2.7 V ≤ VDD ≤ 3.6 V
0.7 × VDD
—
V
—
VIL
Input low voltage
• 2.7 V ≤ VDD ≤ 3.6 V
—
0.35 × VDD
V
—
VHYS
Input hysteresis
0.06 × VDD
—
V
—
VIHOSC
Oscillator Input Voltage High
XTAL driven by an external clock source
2.0
VDD + 0.3
V
—
VILOSC
Oscillator Input Voltage Low
-0.3
0.8
V
—
IICIO
IO pin negative DC injection current—single pin
• VIN < VSS–0.3V
–3
—
mA
1
IICcont
Contiguous pin DC injection current —regional
limit, includes sum of negative injection currents
of 16 contiguous pins
—
General
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com