Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC56F81663VLC Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MC56F81663VLC
Description  DSC based on 32-bit 56800EX core
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC56F81663VLC Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MC56F81663VLC Datasheet HTML 13Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 14Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 15Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 16Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 17Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 18Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 19Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 20Page - NXP Semiconductors MC56F81663VLC Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
Table 2. Signal descriptions (continued)
Signal Name
64
LQFP
48
LQFP
32
LQFP/
QFN
State
During
Reset
Type
Signal Description
&
OPAMPA_IN0)
When used as an analog input, the signal goes to
ANA1 and CMPA_IN0 and OPAMPA_IN0.1
GPIOA2
15
11
8
Input
Input/
Output
GPIO Port A2 — After reset, the default state is
GPIOA2.
(ANA2
&
VREFHA
&
CMPA_IN1
&
OPAMPA_IN1)
Input
ANA2 — ADCA input channel 2.
VREFHA — ADCA analog reference high.
CMPA_IN1 — Analog comparator A input 1.
OPAMPA_IN1 — Operational amplifier A input 1.
When used as an analog input, the signal goes to
ANA2 (or VREFHA) and CMPA_IN1 and
OPAMPA_IN1. 1
NOTE: ADC input can be configured as either ANA2
or VREFHA in the ADC Calibration Register.
GPIOA3
16
12
—
Input
Input/
Output
GPIO Port A3 — After reset, the default state is
GPIOA3.
(ANA3
&
VREFLA
&
CMPA_IN2
&
OPAMPA_IN2)
Input
ANA3 — ADCA input channel 3.
VREFLA — ADCA analog reference low.
CMPA_IN2 — Analog comparator A input 2.
OPAMPA_IN2 — Operational amplifier A input 2.
When used as an analog input, the signal goes to
ANA3 (or VREFLA) and CMPA_IN2 and
OPAMPA_IN2.1
NOTE: ADC input can be configured as either ANA3
or VREFLA in the ADC Calibration Register.
GPIOA4
12
8
—
Input
Input/
Output
GPIO Port A4 — After reset, the default state is
GPIOA4.
(ANA4
&
CMPD_IN0)
Input
ANA4 — ADCA input channel 4.
CMPD_IN0 — Analog comparator D input 0.
When used as an analog input, the signal goes to
ANA4 and CMPD_IN0.1
GPIOA5
11
—
—
Input
Input/
Output
GPIO Port A5 — After reset, the default state is
GPIOA5.
(ANA5
&
CMPD_IN1)
Input
ANA5 — ADCA input channel 5.
CMPD_IN1 — Analog comparator D input 1.
When used as an analog input, the signal goes to
ANA5 and CMPD_IN1.1
GPIOA6
10
—
—
Input
Input/
Output
GPIO Port A6 — After reset, the default state is
GPIOA6.
(ANA6
&
CMPD_IN2)
Input
ANA6 — ADCA input channel 6.
CMPD_IN2 — Analog comparator D input 2.
Table continues on the next page...
MC56F81xxx signal and pin descriptions
MC56F81xxx, Rev. 1.1, 12/2020
NXP Semiconductors
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com