Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 14Page - Advanced Micro Devices SC3200 Datasheet HTML 15Page - Advanced Micro Devices SC3200 Datasheet HTML 16Page - Advanced Micro Devices SC3200 Datasheet HTML 17Page - Advanced Micro Devices SC3200 Datasheet HTML 18Page - Advanced Micro Devices SC3200 Datasheet HTML 19Page - Advanced Micro Devices SC3200 Datasheet HTML 20Page - Advanced Micro Devices SC3200 Datasheet HTML 21Page - Advanced Micro Devices SC3200 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 447 page
background image
18
AMD Geode™ SC3200 Processor Data Book
Architecture Overview
Revision 5.1
Table 2-1. SC3200 Memory Controller Register Summary
GX_BASE+
Memory Offset
Width
(Bits)
Type
Name/Function
Reset Value
8400h-8403h
32
R/W
MC_MEM_CNTRL1. Memory Controller Control Register 1
248C0040h
8404h-8407h
32
R/W
MC_MEM_CNTRL2. Memory Controller Control Register 2
00000801h
8408h-840Bh
32
R/W
MC_BANK_CFG. Memory Controller Bank Configuration
41104110h
840Ch-840Fh
32
R/W
MC_SYNC_TIM1. Memory Controller Synchronous Timing
Register 1
2A733225h
8414h-8417h
32
R/W
MC_GBASE_ADD. Memory Controller Graphics Base
Address Register
00000000h
8418h-841Bh
32
R/W
MC_DR_ADD. Memory Controller Dirty RAM Address
Register
00000000h
841Ch-841Fh
32
R/W
MC_DR_ACC. Memory Controller Dirty RAM Access
Register
0000000xh
Table 2-2. SC3200 Memory Controller Registers
Bit
Description
GX_BASE+ 8400h-8403h
MC_MEM_CNTRL1 (R/W)
Reset Value: 248C0040h
31:30
MDCTL (MD[63:0] Drive Strength). 11 is strongest, 00 is weakest.
29
RSVD (Reserved) Write as 0.
28:27
MABACTL (MA[12:0] and BA[1:0] Drive Strength). 11 is strongest, 00 is weakest.
26
RSVD (Reserved). Write as 0.
25:24
MEMCTL (RASA#, CASA#, WEA#, CS[1:0]#, CKEA, DQM[7:0] Drive Strength). 11 is strongest, 00 is weakest.
23:22
RSVD (Reserved). Write as 0.
21
RSVD (Reserved). Must be written as 0. Wait state on the X-Bus x_data during read cycles - for debug only.
20:18
SDCLKRATE (SDRAM Clock Ratio). Selects SDRAM clock ratio.
000: Reserved
100: ÷ 3.5
001: ÷ 2
101: ÷ 4
010: ÷ 2.5
110: ÷ 4.5
011: ÷ 3 (Default)
111: ÷ 5
Ratio does not take effect until the SDCLKSTRT bit (bit 17 of this register) transitions from 0 to 1.
17
SDCLKSTRT (Start SDCLK). Start operating SDCLK using the new ratio and shift value (selected in bits [20:18] of this reg-
ister).
0: Clear.
1: Enable.
This bit must transition from zero (written to zero) to one (written to one) in order to start SDCLK or to change the shift value.
16:8
RFSHRATE (Refresh Interval). This field determines the number of processor core clocks multiplied by 64 between refresh
cycles to the DRAM. By default, the refresh interval is 00h. Refresh is turned off by default.
7:6
RFSHSTAG (Refresh Staggering). This field determines number of clocks between the RFSH commands to each of the
four banks during refresh cycles:
00: 0 SDRAM clocks
01: 1 SDRAM clocks (Default)
10: 2 SDRAM clocks
11: 4 SDRAM clocks
Staggering is used to help reduce power spikes during refresh by refreshing one bank at a time. If only one bank is installed,
this field must be written as 00.
5
2CLKADDR (Two Clock Address Setup). Assert memory address for one extra clock before CS# is asserted.
0: Disable.
1: Enable.
This can be used to compensate for address setup at high frequencies and/or high loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com