Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 77Page - Advanced Micro Devices SC3200 Datasheet HTML 78Page - Advanced Micro Devices SC3200 Datasheet HTML 79Page - Advanced Micro Devices SC3200 Datasheet HTML 80Page - Advanced Micro Devices SC3200 Datasheet HTML 81Page - Advanced Micro Devices SC3200 Datasheet HTML 82Page - Advanced Micro Devices SC3200 Datasheet HTML 83Page - Advanced Micro Devices SC3200 Datasheet HTML 84Page - Advanced Micro Devices SC3200 Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
81
Signal Definitions
Revision 5.1
PWRBTN#
E29
AH5
I
Power Button. Input used by the power
management logic to monitor external sys-
tem events, most typically a system on/off
button or switch.
The signal has an internal pull-up of 100 K
Ω,
a Schmitt-trigger input buffer and debounce
protection of at least 16 ms.
ACPI is non-functional and all ACPI outputs
are undefined when the power-up sequence
does not include using the power button.
SUSP# is an internal signal generated from
the ACPI block. Without an ACPI reset,
SUSP# can be permanently asserted. If the
USE_SUSP bit in CCR2 of GX1 module is
enabled (Index C2h[7] = 1), the CPU will
stop.
If ACPI functionality is desired, or the situa-
tion described above avoided, the power but-
ton must be toggled. This can be done
externally or internally. GPIO63 is internally
connected to PWRBTN#. To toggle the
power button with software, GPIO63 must be
programmed as an output using the normal
GPIO programming protocol (see Section
6.4.1.1 "GPIO Support Registers" on page
240). GPIO63 must be pulsed low for at least
16 ms and not more than 4 sec.
Asserting POR# has no effect on ACPI. If
POR# is asserted and ACPI was active prior
to POR#, then ACPI will remain active after
POR#. Therefore, BIOS must ensure that
ACPI is inactive before GPIO63 is pulsed
low.
---
PWRCNT1
F31
AK6
O
Suspend Power Plane Control 1 and 2.
Control signal asserted during power man-
agement Suspend states. These signals are
open-drain outputs.
---
PWRCNT2
G31
AL7
O
---
THRM#
F28
AK4
I
Thermal Event. Active low signal generated
by external hardware indicating that the sys-
tem temperature is too high.
---
3.4.15
Power Management Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com